전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD780CRZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD780CRZ
상세설명  2.5 V-3.0 V High Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD780CRZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD780CRZ Datasheet HTML 3Page - Analog Devices AD780CRZ Datasheet HTML 4Page - Analog Devices AD780CRZ Datasheet HTML 5Page - Analog Devices AD780CRZ Datasheet HTML 6Page - Analog Devices AD780CRZ Datasheet HTML 7Page - Analog Devices AD780CRZ Datasheet HTML 8Page - Analog Devices AD780CRZ Datasheet HTML 9Page - Analog Devices AD780CRZ Datasheet HTML 10Page - Analog Devices AD780CRZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
AD780
Rev. F | Page 7 of 12
NC
TEMP
+VIN
VOUT
TRIM
GND
O/P SELECT
2.5V – NC
3.0V – GND
NC
1
F
AD780
NC = NO CONNECT
1
7
6
5
8
4
2
3
C2
C1
Figure 9. Noise Reduction Circuit
NOISE COMPARISON
The wideband noise performance of the AD780 can also be
expressed in ppm. The typical performance with C1 and C2 is
0.6 ppm; without external capacitors, typical performance is
1.2 ppm.
This performance is, respectively, 7× and 3× lower than the
specified performance of the LT1019.
10Hz TO 10kHz
NO AMPLIFIER
10ms
20
V
100
90
10
0%
Figure 10. Reduced Noise Performance with C1 = 100 μF, C2 = 100 nF
TEMPERATURE PERFORMANCE
The AD780 provides superior performance over temperature by
means of a combination of patented circuit design techniques,
precision thin-film resistors, and drift trimming. Temperature
performance is specified in terms of ppm/°C; because of
nonlinearity in the temperature characteristic, the box test
method is used to test and specify the part. The nonlinearity
takes the form of the characteristic S-shaped curve shown in
Figure 11. The box test method forms a rectangular box around
this curve, enclosing the maximum and minimum output
voltages over the specified temperature range. The specified
drift is equal to the slope of the diagonal of this box.
2.0
–0.8
–0.4
0
0.4
0.8
1.2
1.6
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
C)
Figure 11. Typical AD780BN Temperature Drift
TEMPERATURE OUTPUT PIN
The AD780 provides a TEMP output (Pin 3) that varies linearly
with temperature. This output can be used to monitor changes
in system ambient temperature, and to initiate calibration of the
system, if desired. The voltage VTEMP is 560 mV at 25°C, and the
temperature coefficient is approximately 2 mV/°C.
Figure 12 shows the typical VTEMP characteristic curve over
temperature taken at the output of the op amp with a
noninverting gain of 5.
4.25
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
2.00
–75
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (
C)
CIRCUIT CALIBRATED AT 25
C
REFER TO FIGURE 13
10mV PER
C
Figure 12. Temperature Pin Transfer Characteristic
Since the TEMP voltage is acquired from the band gap core
circuit, current pulled from this pin has a significant effect on
VOUT. Care must be taken to buffer the TEMP output with a
suitable op amp, e.g., an OP07, AD820, or AD711 (all of which
would result in less than a 100 μV change in VOUT). The
relationship between ITEMP and VOUT is
ΔVOUT = 5.8 mV/μA ITEMP (2.5 V Range)
or
ΔVOUT = 6.9 mV/μA ITEMP (3.0 V Range)


유사한 부품 번호 - AD780CRZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD780CRZ AD-AD780CRZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780CRZ-REEL7 AD-AD780CRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
More results

유사한 설명 - AD780CRZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com