전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD843B 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD843B
상세설명  34 MHz, CBFET Fast Settling Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD843B 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD843B Datasheet HTML 4Page - Analog Devices AD843B Datasheet HTML 5Page - Analog Devices AD843B Datasheet HTML 6Page - Analog Devices AD843B Datasheet HTML 7Page - Analog Devices AD843B Datasheet HTML 8Page - Analog Devices AD843B Datasheet HTML 9Page - Analog Devices AD843B Datasheet HTML 10Page - Analog Devices AD843B Datasheet HTML 11Page - Analog Devices AD843B Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. D
–8–
AD843
GROUNDING AND BYPASSING
In designing practical circuits using the AD843, the user must
keep in mind that some special precautions are needed when
dealing with high frequency signals. Circuits must be wired us-
ing short interconnect leads. Ground planes should be used
whenever possible to provide both a low resistance, low induc-
tance circuit path and to minimize the effects of high frequency
coupling. IC sockets should be avoided, since their increased
interlead capacitance can degrade the bandwidth of the device.
Power supply leads should be bypassed to ground as close as
possible to the pins of the amplifier. Again, the component leads
should be kept very short. As shown in Figure 24, a parallel
combination of a 2.2
µF tantalum and a 0.1 µF ceramic disc ca-
pacitor is recommended.
Figure 24. Recommended Power Supply Bypassing for
the AD843 (DIP Pinout)
USING A HEAT SINK
The AD843 consumes less quiescent power than most precision
high speed amplifiers and is specified to operate without using a
heat sink. However, when driving low impedance loads, the cur-
rent applied to the load can be 4 to 5 times greater than the qui-
escent current. This will produce a noticeable temperature rise,
which will increase input bias currents. The use of a small heat
sink, such as the Mouser Electronics #33HS008 is recommended.
Offset Null Configuration (DIP Pinout)
GROUNDING AND BYPASSING
Like most high bandwidth amplifiers, the AD843 is sensitive to
capacitive loading. Although it will drive capacitive loads up to
20 pF without degradation of its rated performance, both an
increased capacitive load drive capability and a “cleaner”
(nonringing) pulse response can be obtained from the AD843
by using the circuits illustrated in Figures 20 to 23. The addi-
tion of a 5 pF feedback capacitor to the unity gain inverter con-
nection (Figure 20a) substantially reduces the circuit’s
overshoot, even when it is driving a 110 pF load. This can be
seen by comparing the waveforms of Figures 20b through 20e.
To drive capacitive loads greater than 100 pF, the load should
be decoupled from the amplifier’s output by a 10
Ω resistor and
the feedback capacitor, CF, should be connected directly be-
tween the amplifier’s output and its inverting input (Figure
21a). When using a 15 pF feedback capacitor, this circuit can
drive 400 pF with less than 20% overshoot, as illustrated in Fig-
ures 21b and 21c. Increasing capacitor CF to 47 pF also in-
creases the capacitance drive capability to 1000 pF, at the
expense of a 10:1 reduction in bandwidth compared with the
simple unity gain inverter circuit of Figure 20a.
Unity gain voltage followers (buffers) are more sensitive to
capacitive loads than are inverting amplifiers because there is no
attenuation of the feedback signal. The AD843 can drive 10 pF
to 20 pF when connected in the basic unity gain buffer circuit
of Figure 22a.
The 1 k
Ω resistor in series with the AD843’s noninverting input
serves two functions: first, together with the amplifier’s input
capacitance, it forms a low-pass filter which slows down the
actual signal seen by the AD843. This helps reduce ringing on
the amplifier’s output voltage. The resistor’s second function is
to limit the current into the amplifier when the differential input
voltage exceeds the total supply voltage.
The AD843 will deliver a much “cleaner” pulse response when
connected in the somewhat more elaborate follower circuit of
Figure 23a. Note the reduced overshoot in Figure 23b and 23c
as compared to Figures 22b and 22c.
For maximum bandwidth, in most applications, input and feed-
back resistors used with the AD843 should have resistance val-
ues equal to or less than 1.5 k
Ω. Even with these low resistance
values, the resultant RC time constant formed between them
and stray circuit capacitances is large enough to cause peaking
in the amplifier’s response. Adding a small capacitor, CF, as
shown in Figures 20a to 23a will reduce this peaking and flatten
the overall frequency response. CF will normally be less than
10 pF in value.
The AD843 can drive resistive loads over the range of 500
Ω to
∞ with no change in dynamic response. While a 499 Ω load was
used in the circuits of Figures 20-23, the performance of these
circuits will be essentially the same even if this load is removed
or changed to some other value, such as 2 k
Ω.
To obtain the “cleanest” possible transient response when driv-
ing heavy capacitive loads, be sure to connect bypass capacitors
directly between the power supply pins of the AD843 and
ground as outlined in “grounding and bypassing.”


유사한 부품 번호 - AD843B

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD843B AD-AD843B Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843BH AD-AD843BH Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843BQ AD-AD843BQ Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
More results

유사한 설명 - AD843B

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD843 AD-AD843 Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_15 Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_17 Datasheet
485Kb / 13P
   34 MHz, CBFET Fast Settling Op Amp
AD843JNZ AD-AD843JNZ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
5962-9098001MPA AD-5962-9098001MPA Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD845 AD-AD845_17 Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
AD845 AD-AD845 Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845 AD-AD845_15 Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JRZ-16-REEL7 AD-AD845JRZ-16-REEL7 Datasheet
174Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JNZ AD-AD845JNZ Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com