전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5171BRJ5-RL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD5171BRJ5-RL7
상세설명  64-Position OTP Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJ5-RL7 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD5171BRJ5-RL7 Datasheet HTML 3Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 4Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 5Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 6Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 7Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 8Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 9Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 10Page - Analog Devices AD5171BRJ5-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD5171
Rev. D | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
W 1
VDD 2
GND 3
SCL 4
A
8
B
7
AD0
6
SDA
5
AD5171
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
W
Wiper Terminal W. GND ≤ VW ≤ VDD.
2
VDD
Positive Power Supply. Specified for operation from 2.7 V to 5.5 V. For OTP programming, VDD needs to be within
the 4.75 V and 5.25 V range and capable of driving 100 mA.
3
GND
Common Ground.
4
SCL
Serial Clock Input. Requires a pull-up resistor. If it is driven direct from a logic controller without the pull-up
resistor, ensure that the VIH minimum is 0.7 V × VDD.
5
SDA
Serial Data Input/Output. Requires a pull-up resistor. If it is driven direct from a logic controller without a pull-up
resistor, ensure that the VIH minimum is 0.7 V × VDD.
6
AD0
I2C Device Address Bit. Allows a maximum of two AD5171s to be addressed.
7
B
Resistor Terminal B. GND ≤ VB ≤ VDD.
8
A
Resistor Terminal A. GND ≤ VA ≤ VDD.


유사한 부품 번호 - AD5171BRJ5-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5171BRJ5-RL7 AD-AD5171BRJ5-RL7 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
More results

유사한 설명 - AD5171BRJ5-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5273 AD-AD5273 Datasheet
987Kb / 20P
   64-Position OTP Digital Potentiometer
REV. 0
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com