전자부품 데이터시트 검색엔진 |
|
AD7470ARU 데이터시트(PDF) 4 Page - Analog Devices |
|
AD7470ARU 데이터시트(HTML) 4 Page - Analog Devices |
4 / 20 page REV. B –4– AD7470/AD7472 AD7472–SPECIFICATIONS1 (VDD = 2.7 V to 5.25 V 2, REF IN = 2.5 V,Y Version: f CLKIN = 20 MHz @ 5 V and 14 MHz @ 3 V; TA = TMIN to TMAX, unless otherwise noted.) Parameter Y Version 1 Unit Test Conditions/Comments DYNAMIC PERFORMANCE 5 V 3 V fS = 1.2 MSPS @ 5 V, fS = 875 kSPS @ 3 V Signal to Noise + Distortion (SINAD) 69 69 dB typ fIN = 500 kHz Sine Wave 68 68 dB min fIN = 100 kHz Sine Wave Signal-to-Noise Ratio (SNR) 70 70 dB typ fIN = 500 kHz Sine Wave 68 68 dB min fIN = 100 kHz Sine Wave Total Harmonic Distortion (THD) –83 –78 dB typ fIN = 500 kHz Sine Wave –83 –84 dB typ fIN = 100 kHz Sine Wave –75 –75 dB max fIN = 100 kHz Sine Wave Peak Harmonic or Spurious Noise (SFDR) –86 –81 dB typ fIN = 500 kHz Sine Wave –86 –86 dB typ fIN = 100 kHz Sine Wave –76 –76 dB max fIN = 100 kHz Sine Wave Intermodulation Distortion (IMD) Second-Order Terms –77 –77 dB typ fIN = 500 kHz Sine Wave –86 –86 dB typ fIN = 100 kHz Sine Wave Third-Order Terms –77 –77 dB typ fIN = 500 kHz Sine Wave –86 –86 dB typ fIN = 100 kHz Sine Wave Aperture Delay 5 5 ns typ Aperture Jitter 15 15 ps typ Full Power Bandwidth 20 20 MHz typ @ 3 dB DC ACCURACY fS = 1.2 MSPS @ 5 V; fS = 875 kSPS @ 3 V Resolution 12 12 Bits Integral Nonlinearity ±2 ±2 LSB max Differential Nonlinearity ±1.8 ±1.8 LSB max Guaranteed No Missed Codes to 11 Bits Offset Error ±10 ±10 LSB max Gain Error ±2 ±2 LSB max ANALOG INPUT Input Voltage Ranges 0 to REF IN 0 to REF IN V DC Leakage Current ±1 ±1 µA max Input Capacitance 33 33 pF typ REFERENCE INPUT REF IN Input Voltage Range 2.5 2.5 V ±1% for Specified Performance DC Leakage Current ±1 ±1 µA max Input Capacitance 10/20 10/20 pF typ Track-and-Hold Mode LOGIC INPUTS Input High Voltage, VINH 2.4 2.4 V min Input Low Voltage, VINL 0.4 0.4 V max Input Current, IIN ±1 ±1 µA max Typically 10 nA, VIN = 0 V or VDD Input Capacitance, CIN 3 10 10 pF max LOGIC OUTPUTS Output High Voltage, VOH VDRIVE – 0.2 VDRIVE – 0.2 V min ISOURCE = 200 µA Output Low Voltage, VOL 0.4 0.4 V max ISINK = 200 µA Floating-State Leakage Current ±10 ±10 µA max VDD = 2.7 V to 5.25 V Floating-State Output Capacitance 10 10 pF max Output Coding Straight (Natural) Binary CONVERSION RATE Conversion Time 14 14 CLK IN Cycles (max) Track-and-Hold Acquisition Time 140 140 ns min Throughput Rate 1200 875 kSPS max Conversion Time + Acquisition Time POWER REQUIREMENTS VDD +2.7/+5.25 V min/max IDD 4 Digital Inputs = 0 V or DVDD Normal Mode 2.4 mA max VDD = 4.75 V to 5.25 V; fS = 1.2 MSPS; Typ 2 mA Quiescent Current 900 µA max VDD = 4.75 V to 5.25 V; fS = 1.2 MSPS Normal Mode 1.5 mA max VDD = 2.7 V to 3.3 V; fS = 875 kSPS; Typ 1.3 mA Quiescent Current 800 µA max VDD = 2.7 V to 3.3 V; fS = 875 kSPS Sleep Mode 2 µA max CLK IN = 0 V or DVDD Power Dissipation 4 Digital Inputs = 0 V or DVDD Normal Mode 12 mW max VDD = 5 V 4.5 mW max VDD = 3 V Sleep Mode 10 µW max VDD = 5 V; CLK IN = 0 V or DVDD 6 µW max VDD = 3 V; CLK IN = 0 V or DVDD NOTES 1Temperature ranges as follows: Y Version: –40 °C to +125°C. 2The AD7472 functionally works at 2.35 V. Typical specifications @ 25 °C for SNR (100 kHz) = 68 dB; THD (100 kHz) = –84 dB; INL ±0.8 LSB. 3Sample tested @ 25 °C to ensure compliance. 4See Power vs. Throughput Rate section. Specifications subject to change without notice. |
유사한 부품 번호 - AD7470ARU |
|
유사한 설명 - AD7470ARU |