전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7472BRU-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7472BRU-REEL7
상세설명  1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7472BRU-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7472BRU-REEL7 Datasheet HTML 4Page - Analog Devices AD7472BRU-REEL7 Datasheet HTML 5Page - Analog Devices AD7472BRU-REEL7 Datasheet HTML 6Page - Analog Devices AD7472BRU-REEL7 Datasheet HTML 7Page - Analog Devices AD7472BRU-REEL7 Datasheet HTML 8Page - Analog Devices AD7472BRU-REEL7 Datasheet HTML 9Page - Analog Devices AD7472BRU-REEL7 Datasheet HTML 10Page - Analog Devices AD7472BRU-REEL7 Datasheet HTML 11Page - Analog Devices AD7472BRU-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. B
AD7470/AD7472
–8–
PIN FUNCTION DESCRIPTIONS (continued)
Mnemonic
Function
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7470 and AD7472. The
DGND and AGND voltages should ideally be at the same potential and must not be more than 0.3 V apart even
on a transient basis.
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to REF IN. The analog input presents a
high dc input impedance.
VDRIVE
Supply Voltage for the Output Drivers, 2.7 V to 5.25 V. This voltage determines the output high voltage for the
data output pins. It allows AVDD and DVDD to operate at 5 V (and maximize the dynamic performance of the
(ADC), while the digital outputs can interface to 3 V logic.
DB0–DB9/11
Data Bit 0 to Data Bit 9 (AD7470) and DB11 (AD7472). Parallel digital outputs that provide the conversion result
for the part. These are three-state outputs that are controlled by
CS and RD. The output high voltage level for these
outputs is determined by the VDRIVE input.


유사한 부품 번호 - AD7472BRU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7472BRU-REEL7 AD-AD7472BRU-REEL7 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
More results

유사한 설명 - AD7472BRU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7472 AD-AD7472_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7934BRUZ-REEL7 AD-AD7934BRUZ-REEL7 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933 Datasheet
1Mb / 32P
   4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrG
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com