전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC083000CIYB 데이터시트(PDF) 8 Page - Texas Instruments

부품명 ADC083000CIYB
상세설명  ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADC083000CIYB 데이터시트(HTML) 8 Page - Texas Instruments

Back Button ADC083000CIYB Datasheet HTML 4Page - Texas Instruments ADC083000CIYB Datasheet HTML 5Page - Texas Instruments ADC083000CIYB Datasheet HTML 6Page - Texas Instruments ADC083000CIYB Datasheet HTML 7Page - Texas Instruments ADC083000CIYB Datasheet HTML 8Page - Texas Instruments ADC083000CIYB Datasheet HTML 9Page - Texas Instruments ADC083000CIYB Datasheet HTML 10Page - Texas Instruments ADC083000CIYB Datasheet HTML 11Page - Texas Instruments ADC083000CIYB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
ADC083000
SNAS358N – JUNE 2006 – REVISED JULY 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage (VA, VDR)
2.2V
Supply Difference
VA - VDR
0V to -100mV
Voltage on Any Input Pin
(Except VIN+, VIN-)
−0.15V to (VA + 0.15V)
Voltage on VIN+, VIN-
(Maintaining Common Mode)
-0.15V to 2.5V
Ground Difference
|GND - DR GND|
0V to 100 mV
Input Current at Any Pin (4)
±25 mA
Package Input Current (4)
±50 mA
Power Dissipation at TA ≤ 85°C
2.3 W
ESD Susceptibility (5)
Human Body Model
2500V
Machine Model
250V
Storage Temperature
−65°C to +150°C
Soldering process must comply with TI’s Reflow Temperature Profile specifications. Refer to www.ti.com/packaging. (6)
(1)
All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no specification of operation at the
Absolute Maximum Ratings. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific
performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply
only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supply limits (that is, less than GND or greater than VA), the current at that pin
should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the
power supplies with an input current of 25 mA to two. This limit is not placed upon the power and ground pins.
(5)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO
Ohms.
(6)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
OPERATING RATINGS
(1) (2)
Ambient Temperature Range
−40°C ≤ TA ≤ +85°C
Supply Voltage (VA)
+1.8V to +2.0V
Driver Supply Voltage (VDR)
+1.8V to VA
Analog Input Common Mode Voltage
VCMO ±50mV
VIN+, VIN- Voltage Range (Maintaining Common Mode)
0V to 2.15V
(100% duty cycle)
0V to 2.5V
(10% duty cycle)
Ground Difference
(|GND - DR GND|)
0V
CLK Pins Voltage Range
0V to VA
Differential CLK Amplitude
0.4VP-P to 2.0VP-P
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no specification of operation at the
Absolute Maximum Ratings. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific
performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply
only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
(2)
All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: ADC083000


유사한 부품 번호 - ADC083000CIYB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC083000CIYB NSC-ADC083000CIYB Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYB NSC-ADC083000CIYB Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
Texas Instruments
ADC083000CIYB TI-ADC083000CIYB Datasheet
885Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYB/NOPB TI1-ADC083000CIYB/NOPB Datasheet
962Kb / 49P
[Old version datasheet]   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
More results

유사한 설명 - ADC083000CIYB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC083000CIYB TI-ADC083000CIYB Datasheet
885Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
logo
Texas Instruments
ADC083000 TI1-ADC083000_15 Datasheet
962Kb / 49P
[Old version datasheet]   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com