전자부품 데이터시트 검색엔진 |
|
ADP1706ACPZ-18-R7 데이터시트(PDF) 1 Page - Analog Devices |
|
ADP1706ACPZ-18-R7 데이터시트(HTML) 1 Page - Analog Devices |
1 / 20 page 1 A, Low Dropout, CMOS Linear Regulator ADP1706/ADP1707/ADP1708 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2007 Analog Devices, Inc. All rights reserved. FEATURES Maximum output current: 1 A Input voltage range: 2.5 V to 5.5 V Low shutdown current: <1 μA Low dropout voltage: 345 mV @ 1 A load Initial accuracy: ±1% Accuracy over line, load, and temperature: ±2.5% 16 fixed output voltage options with soft start: 0.75 V to 3.3 V (ADP1706) 16 fixed output voltage options with tracking 0.75 V to 3.3 V (ADP1707) Adjustable output voltage option: 0.8 V to 5.0 V (ADP1708) Stable with small 4.7 μF ceramic output capacitor Excellent load/line transient response Current limit and thermal overload protection Logic-controlled enable Available in an 8-lead, exposed paddle SOIC and 3 mm × 3 mm, 8-lead exposed paddle LFCSP APPLICATIONS Notebook computers Memory components Telecommunications equipment Network equipment DSP/FPGA/microprocessor supplies Instrumentation equipment/data acquisition systems TYPICAL APPLICATION CIRCUITS SS 1 SENSE 2 OUT 3 OUT 4 EN 8 GND 7 IN 6 IN 5 ADP1706 10nF VOUT = 3.3V VIN = 5V 4.7µF 4.7µF Figure 1. ADP1706 with Fixed Output Voltage, 3.3 V ADP1707 TRK 1 SENSE 2 OUT 3 OUT 4 EN 8 GND 7 IN 6 IN 5 VOUT VTRK VIN = 5V 4.7µF 4.7µF 3 2 1 0 123 45 VOUT (V) VTRK (V) Figure 2. ADP1707 with Output Voltage Tracking ADP1708 ADJ 1 SENSE 2 OUT 3 OUT 4 EN 8 GND 7 IN 6 IN 5 VOUT = 0.8V(1 + R1/R2) VIN = 5V 4.7µF 4.7µF R1 R2 Figure 3. ADP1708 with Adjustable Output Voltage, 0.8 V to 5.0 V GENERAL DESCRIPTION The ADP1706/ADP1707/ADP1708 are CMOS, low dropout linear regulators that operate from 2.5 V to 5.5 V and provide up to 1 A of output current. Using an advanced proprietary architecture, they provide high power supply rejection and achieve excellent line and load transient response with a small 4.7 μF ceramic output capacitor. The ADP1706/ADP1707 are available in 16 fixed output volt- age options. The ADP1708 is available in an adjustable version, which allows output voltages that range from 0.8 V to 5.0 V via an external divider. The ADP1706 allows an external soft start capacitor to be connected to program the start-up time; the ADP1707 and ADP1708 contain internal soft start capacitors that give a typical start-up time of 100 μs. The ADP1707 includes a tracking feature that allows the output to follow an external voltage rail or reference. The ADP1706/ADP1707/ADP1708 are available in an 8-lead, exposed paddle SOIC package and an 8-lead, 3 mm × 3 mm exposed paddle LFCSP, making them not only very compact solutions but also providing excellent thermal performance for applications requiring up to 1 A of output current in a small, low profile footprint. |
유사한 부품 번호 - ADP1706ACPZ-18-R7 |
|
유사한 설명 - ADP1706ACPZ-18-R7 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |