전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FKP252 데이터시트(PDF) 4 Page - Sanken electric

부품명 FKP252
상세설명  MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FKP252 데이터시트(HTML) 4 Page - Sanken electric

  FKP252 Datasheet HTML 1Page - Sanken electric FKP252 Datasheet HTML 2Page - Sanken electric FKP252 Datasheet HTML 3Page - Sanken electric FKP252 Datasheet HTML 4Page - Sanken electric FKP252 Datasheet HTML 5Page - Sanken electric FKP252 Datasheet HTML 6Page - Sanken electric FKP252 Datasheet HTML 7Page - Sanken electric FKP252 Datasheet HTML 8Page - Sanken electric FKP252 Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MOSFET
FKP252
December. 2005
Sanken Electric Co.,Ltd.
T02-003EA-051206
Characteristic Curves
(Tc=25°C)
PD-Ta C har act er istics
0
10
20
30
40
50
0
50
100
150
Ta (℃)
Without heatsink
With infinite heatsink
Re(yfs)-ID Characteristics (typical)
0.01
0.1
1
10
100
0.01
0.1
1
10
100
ID (A)
VDS=10V
Tc=125℃
Tc= 25℃
Tc=-55℃
Capacitance-VDS Characteristics (typical)
10
100
1000
10000
0
1020
3040
50
VDS (V)
f=1MHz
VGS=0V
Ciss
Cos
Crs
IDR-VSD Characteristics (typical)
0
5
10
15
20
25
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (V)
VGS=0V
10V
SAFE OPERATING AREA
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
VDS [V]
ID(pulse) max
ID max
Tc=25℃
100μs(1shot)
1ms (1shot)
DC OPERATION
RDS(on) LIMITED
4/9


유사한 부품 번호 - FKP252

제조업체부품명데이터시트상세설명
logo
Sanken electric
FKP252 SANKEN-FKP252 Datasheet
338Kb / 9P
   MOSFET
logo
Inchange Semiconductor ...
FKP252 ISC-FKP252 Datasheet
242Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FKP252

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com