전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FKP300A 데이터시트(PDF) 1 Page - Sanken electric

부품명 FKP300A
부품 상세설명  N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FKP300A 데이터시트(HTML) 1 Page - Sanken electric

  FKP300A Datasheet HTML 1Page - Sanken electric FKP300A Datasheet HTML 2Page - Sanken electric FKP300A Datasheet HTML 3Page - Sanken electric FKP300A Datasheet HTML 4Page - Sanken electric FKP300A Datasheet HTML 5Page - Sanken electric FKP300A Datasheet HTML 6Page - Sanken electric FKP300A Datasheet HTML 7Page - Sanken electric FKP300A Datasheet HTML 8Page - Sanken electric FKP300A Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel MOS FET
FKP300A
June, 2007
Sanken Electric Co., Ltd.
T02-010EA-070531
■Features
●Low on-resistance
●Low input capacitance
●Avalanche energy capability guaranteed
■Package---FM100 (TO-3P Full Mold)
■Applications
●PDP driving
●High speed switching
■Equivalent circuit
■Absolute maximum ratings
(Ta=25°C)
Parameter
Symbol
Rating
Unit
Drain to Source Voltage
VDSS
300
V
Gate to Source Voltage
VGSS
±30
V
Continuous Drain Current
ID
±30A
A
Pulsed Drain Current
ID(pulse) *1
±120A
A
Maximum Power Dissipation
PD
85 (Tc=25°C)
W
Single Pulse Avalanche Energy
EAS *2
400
mJ
Avalanche Current
IAS
30
A
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
55 to 150
°C
*1 PW≤100μs,duty cycle≤1%
*2 VDD=20V, L=830μH,ILp=30A, unclamped, RG=50Ω, See Fig.1
G (1)
S (3)
D (2)
http://www.sanken-ele.co.jp/en/
1/9


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn