전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FKP300A 데이터시트(PDF) 2 Page - Sanken electric

부품명 FKP300A
부품 상세설명  N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FKP300A 데이터시트(HTML) 2 Page - Sanken electric

  FKP300A Datasheet HTML 1Page - Sanken electric FKP300A Datasheet HTML 2Page - Sanken electric FKP300A Datasheet HTML 3Page - Sanken electric FKP300A Datasheet HTML 4Page - Sanken electric FKP300A Datasheet HTML 5Page - Sanken electric FKP300A Datasheet HTML 6Page - Sanken electric FKP300A Datasheet HTML 7Page - Sanken electric FKP300A Datasheet HTML 8Page - Sanken electric FKP300A Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
N-Channel MOS FET
FKP300A
June, 2007
Sanken Electric Co., Ltd.
T02-010EA-070531
Electrical characteristics
(Ta=25°C)
Limits
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Drain to Source breakdown Voltage
V(BR)DSS
ID=100μA,VGS=0V
300
V
Gate to Source Leakage Current
IGSS
VGS=±30V
±100
nA
Drain to Source Leakage Current
IDSS
VDS=300V, VGS=0V
100
μA
Gate Threshold Voltage
VTH
VDS=10V, ID=1mA
3.0
4.5
V
Forward Transconductance
Re(Yfs)
VDS=10V, ID=15A
20
33
S
Static Drain to Source On-Resistance
RDS(on)
ID=15A, VGS=10V
57
65
mΩ
Input Capacitance
Ciss
3800
Output Capacitance
Coss
540
Reverse Transfer Capacitance
Crss
VDS=25V
VGS=0V
f=1MHz
180
pF
Turn-On Delay Time
td(on)
40
Rise Time
tr
60
Turn-Off Delay Time
td(off)
160
Fall Time
tf
ID=15A, VDD≈150V
RL=10Ω, VGS=10V
RG=5Ω
See Fig.2
60
ns
Source-Drain Diode Forward Voltage
VSD
ISD=30A,VGS=0V
1.0
1.5
V
Gate Threshold Voltage Temp.
Coefficient
ΔVTH
/
ΔTch
VDS=10V, ID=1mA
-11
mV/°C
2/9


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn