전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FKP300A 데이터시트(PDF) 3 Page - Sanken electric

부품명 FKP300A
부품 상세설명  N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FKP300A 데이터시트(HTML) 3 Page - Sanken electric

  FKP300A Datasheet HTML 1Page - Sanken electric FKP300A Datasheet HTML 2Page - Sanken electric FKP300A Datasheet HTML 3Page - Sanken electric FKP300A Datasheet HTML 4Page - Sanken electric FKP300A Datasheet HTML 5Page - Sanken electric FKP300A Datasheet HTML 6Page - Sanken electric FKP300A Datasheet HTML 7Page - Sanken electric FKP300A Datasheet HTML 8Page - Sanken electric FKP300A Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
N-Channel MOS FET
FKP300A
June, 2007
Sanken Electric Co., Ltd.
T02-010EA-070531
Characteristic Curves
(Tc=25℃)
ID-VDS Characteristics (typical)
0
10
20
30
02
46
8
10
VDS (V)
VGS=10V
6.0V
5.5V
5.0V
4.5V
ID-VGS Characteristics (typical)
0
10
20
30
02
46
8
10
VGS (V)
VDS=10V
Tc=-55℃
25℃
125℃
RDS( ON)-ID Characteristics (typical)
0
10
20
30
40
50
60
70
80
010
20
30
ID (A)
 VGS=10V
VDS-VGS Characteristics (typical)
0
1
2
3
4
5
1
10
100
VGS (V)
ID=30A
ID=15A
RDS(ON)- Tc Characte ristic s (typic al)
0
50
100
150
-100
-50
0
50
100
150
Tc (℃)
ID=15A
VGS=10V
3/9


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn