전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0302 데이터시트(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-0302
상세설명  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0302 데이터시트(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0302 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Applications Information Eliminating Negative IGBT
Gate Drive
To keep the IGBT firmly off, the HCPL-3020 and HCPL-
0302 have a very low maximum VOL specification of
1.0 V. Minimizing Rg and the lead inductance from the
HCPL-3020 or HCPL-0302 to the IGBT gate and emitter
(possibly by mounting the HCPL-3020 or HCPL-0302 on a
small PC board directly above the IGBT) can eliminate the
need for negative IGBT gate drive in many applications as
shown in Figure 17. Care should be taken with such a PC
board design to avoid routing the IGBT collector or emit-
ter traces close to the HCPL-3020 or HCPL-0302 input as
this can result in unwanted coupling of transient signals
into the input of HCPL-3020 or HCPL-0302 and degrade
performance. (If the IGBT drain must be routed near the
HCPL-3020 or HCPL-0302 input, then the LED should be
reversebiasedwhenintheoffstate,topreventthetransient
signals coupled from the IGBT drain from turning on the
HCPL-3020 or HCPL-0302.
Figure 17. Recommended LED drive and application circuit for HCPL-3020 and HCPL-0302.
+ HVDC
3-PHASE
AC
- HVDC
0.1 µF
VCC = 15 V
1
3
+
2
4
8
6
7
5
HCPL-3020/0302
Rg
Q1
Q2
270
+5 V
CONTROL
INPUT
74XXX
OPEN
COLLECTOR


유사한 부품 번호 - HCPL-0302

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
HCPL-0302 ETC1-HCPL-0302 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
260Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

유사한 설명 - HCPL-0302

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com