전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4053BQ-Q100 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74HC4053BQ-Q100
상세설명  Triple 2-channel analog multiplexer/demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4053BQ-Q100 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74HC4053BQ-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC4053BQ-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC4053BQ-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC4053BQ-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC4053BQ-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC4053BQ-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC4053BQ-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HC4053BQ-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HC4053BQ-Q100 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
74HC_HCT4053_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 22 November 2012
7 of 30
NXP Semiconductors
74HC4053-Q100; 74HCT4053-Q100
Triple 2-channel analog multiplexer/demultiplexer
10. Static characteristics
Table 6.
RON resistance per switch for 74HC4053-Q100 and 74HCT4053-Q100
VI = VIH or VIL; for test circuit see Figure 9.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
For 74HC4053-Q100: VCC GND or VCC VEE = 2.0V, 4.5V, 6.0V and 9.0V.
For 74HCT4053-Q100: VCC GND = 4.5 V and 5.5 V, VCC VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
RON(peak) ON resistance (peak)
Vis =VCC to VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1] ---
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A-
100
180
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A-
90
160
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A-
70
130
RON(rail)
ON resistance (rail)
Vis =VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1] -150
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A-
80
140
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A-
70
120
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A-
60
105
Vis =VCC
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1] -150
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A-
90
160
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A-
80
140
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A-
65
120
R
ON
ON resistance mismatch
between channels
Vis =VCC to VEE
VCC = 2.0 V; VEE = 0 V
[1] ---
VCC = 4.5 V; VEE = 0 V
-
9
-
VCC = 6.0 V; VEE = 0 V
-
8
-
VCC = 4.5 V; VEE = 4.5 V
-
6
-
Tamb = 40 Cto+85 C
RON(peak) ON resistance (peak)
Vis =VCC to VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1] ---
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A
--225
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A
--200
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A
--165


유사한 부품 번호 - 74HC4053BQ-Q100

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC4053BQ-Q100 NEXPERIA-74HC4053BQ-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results

유사한 설명 - 74HC4053BQ-Q100

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com