전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

745229-2 데이터시트(PDF) 6 Page - Tyco Electronics

부품명 745229-2
상세설명  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

745229-2 데이터시트(HTML) 6 Page - Tyco Electronics

Back Button 745229-2 Datasheet HTML 2Page - Tyco Electronics 745229-2 Datasheet HTML 3Page - Tyco Electronics 745229-2 Datasheet HTML 4Page - Tyco Electronics 745229-2 Datasheet HTML 5Page - Tyco Electronics 745229-2 Datasheet HTML 6Page - Tyco Electronics 745229-2 Datasheet HTML 7Page - Tyco Electronics 745229-2 Datasheet HTML 8Page - Tyco Electronics 745229-2 Datasheet HTML 9Page - Tyco Electronics 745229-2 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
95
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDP-20 Basic Shielding Hardware Kits (Continued)
Recommended
Max. Inner
Shell
No. of
Dimensions
Cable
Cable
Mounting
Size
Contact
DE
Outer Dia.
Bundle
Method
Plug Kit Numbers
Receptacle Kit Numbers
Positions
Range
Dia.†
.700
1.535
.165-.455
.350
Standard
1658645-1
1658646-1
19
17.78
38.99
4.19-11.56
8.89
Clinch Nut
5748526-1
5748536-1
1.024
1.535
.165-.455
.350
Standard
1658647-1
5747539-1
2
15
26.01
38.99
4.19-11.56
8.89
Clinch Nut
5750636-1
5787908-1
1.576
1.535
.165-.455
.350
Standard
1658648-1
1658649-1
3
25
40.03
38.99
4.16-11.56
8.89
Clinch Nut
1658662-1
2.215
1.892
.338-.562
.450
Standard
1658650-1
1658651-1
4
37
56.26
48.06
8.59-14.28
11.43
Clinch Nut
5786929-1
5
50
2.120
1.876
.338-.480
.450
Standard
1658652-1
1658653-1
53.85
47.65
8.59-12.19
11.43
Notes: 1. Plugs accept size 20 DF pin contacts and receptacles accept size 20 DF socket contacts.
2. Components of the kits are shipped unassembled and bulk-packaged in quantities of 100 pieces.
†Maximum cable diameter after jacket and braid removed.
Receptacle
.509
[12.93]
.112
[2.84]
Typ.
.109
[2.77]
Typ.
Max.
.462
[11.73]
Max.
Rcpt. Connector
Inside
Shield
Outside
Shield
.120
[3.05]
Typ.
2 Holes
D
.243
[6.17]
E
.195
[4.95]
Typ.
Max.
Ferrule (Must
Be Purchased
Separately)
View of Rear Shell
(With Shields Removed)
Clinch Nut
(Plug and Receptacle)
.100
[2.54]
Max.


유사한 부품 번호 - 745229-2

제조업체부품명데이터시트상세설명
logo
Myrra
74520 MYRRA-74520 Datasheet
100Kb / 1P
   CURRENT TRANSFORMERS
logo
List of Unclassifed Man...
74521 ETC1-74521 Datasheet
199Kb / 1P
   The ideal multi-purpose bits for all around quality and performance
logo
Myrra
74521 MYRRA-74521 Datasheet
100Kb / 1P
   CURRENT TRANSFORMERS
logo
List of Unclassifed Man...
74523 ETC1-74523 Datasheet
199Kb / 1P
   The ideal multi-purpose bits for all around quality and performance
logo
Molex Electronics Ltd.
74525 MOLEX11-74525 Datasheet
40Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 25
More results

유사한 설명 - 745229-2

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
3-747579-4 MACOM-3-747579-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com