전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA4030 데이터시트(PDF) 1 Page - Sanken electric

부품명 SMA4030
상세설명  NPN Darlington General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA4030 데이터시트(HTML) 1 Page - Sanken electric

  SMA4030 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
124
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
120
V
VCEO
100
V
VEBO
6V
IC
3A
ICP
5 (PW
≤1ms, Du≤50%)
A
IB
0.2
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=120V
IEBO
10
mA
VEB=6V
VCEO
100
V
IC=25mA
hFE
2000
6000
15000
VCE=4V, IC=1.5A
VCE(sat)
1.1
1.5
V
VBE(sat)
1.7
2.0
V
ton
0.5
µsVCC 30V
tstg
2.2
µsIC=1.5A
tf
0.9
µsIB1=–IB2=3mA
fT
40
MHz
VCE=12V, IE=–0.5A
Cob
30
pF
VCB=10V, f=1MHz
PT
W
SMA4030
Specification
min
typ
max
IC=1.5A, IB=3mA
R1: 3k
Ω typ R2: 200Ω typ
1
2
R1
R2
3
5
4
6
9
7
11
10
812
0
0
5
4
3
12
3
2
1
45
6
1mA
0.6m
A
0.4mA
0.3mA
VCE (V)
20000
0.03
10000
5000
1000
500
100
50
0.05
0.1
0.5
1
5
typ
(VCE=4V)
IC (A)
20000
0.03
10000
5000
1000
500
100
50
0.05 0.1
0.5
1
5
–3
C
Ta
=125
°C
75
°C
25
°C
(VCE=4V)
IC (A)
0.5
0
1
2
3
15
25
°C
75
°C
Ta=–30°C
125°C
(IC / IB=1000)
IC (A)
0.1
0
1
2
3
0.5
1
5
10
50
IC=3A
IC=1.5A
IC=1A
IB (mA)
0
0
5
4
3
1
2
1
23
75
°C
25
°C
(VCE=4V)
VBE (V)
20
10
1
5
0.5
0
5
10
50
100
500 1000
PW (mS)
20
15
10
5
0
–40
0
50
100
150
Ta (
°C)
Without Heatsink
10
0.1
0.03
5
1
0.5
0.05
5
310
50
100
100
µ
s
VCE (V)
Single Pulse
Without Heatsink
Ta=25
°C
NPN Darlington
General purpose
External dimensions
B • • • SMA
Absolute maximum ratings
sEquivalent circuit diagram
Electrical characteristics


유사한 부품 번호 - SMA4030

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA4030 SANKEN-SMA4030 Datasheet
22Kb / 1P
   PNP Darlington General purpose
SMA4030 SANKEN-SMA4030_01 Datasheet
37Kb / 1P
   NPN Darlington General purpose
More results

유사한 설명 - SMA4030

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA4060 SANKEN-SLA4060 Datasheet
23Kb / 1P
   NPN Darlington General purpose
STA404A SANKEN-STA404A Datasheet
36Kb / 1P
   NPN Darlington General purpose
STA403A SANKEN-STA403A Datasheet
22Kb / 1P
   NPN Darlington General purpose
STA403A SANKEN-STA403A_06 Datasheet
36Kb / 1P
   NPN Darlington General purpose
STA404A SANKEN-STA404A_06 Datasheet
36Kb / 1P
   NPN Darlington General purpose
SLA4060 SANKEN-SLA4060_06 Datasheet
38Kb / 1P
   NPN Darlington General purpose
SLA4030 SANKEN-SLA4030_08 Datasheet
37Kb / 1P
   NPN Darlington General purpose
STA473A SANKEN-STA473A_06 Datasheet
38Kb / 1P
   NPN Darlington General purpose
STA404A SANKEN-STA404A Datasheet
22Kb / 1P
   NPN Darlington General purpose
STA473A SANKEN-STA473A Datasheet
23Kb / 1P
   NPN Darlington General purpose
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com