전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXT3019 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 CXT3019
상세설명  SURFACE MOUNT NPN SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CXT3019 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  CXT3019 Datasheet HTML 1Page - Central Semiconductor Corp CXT3019 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
140
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
7.0
V
Collector Current
IC
1.0
A
Collector Current (Peak)
ICM
1.5
A
Power Dissipation
PD
1.2
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
104
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=90V
10
nA
IEBO
VEB=5.0V
10
nA
BVCBO
IC=100µA
140
V
BVCEO
IC=30mA
80
V
BVEBO
IE=100µA
7.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.2
V
VCE(SAT)
IC=500mA, IB=50mA
0.5
V
VBE(SAT)
IC=150mA, IB=15mA
1.1
V
hFE
VCE=10V, IC=0.1mA
50
hFE
VCE=10V, IC=10mA
90
hFE
VCE=10V, IC=150mA
100
300
hFE
VCE=10V, IC=500mA
50
hFE
VCE=10V, IC=1.0A
15
CXT3019
SURFACE MOUNT
NPN SILICON TRANSISTORS
SOT-89 CASE
Central
Semiconductor Corp.
TM
R3 ( 20-December 2001)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CXT3019
type is an NPN silicon transistor manufactured by
the epitaxial planar process, epoxy molded in a
surface mount package, designed for high current
general purpose amplifier applications.


유사한 부품 번호 - CXT3019

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CXT3019 CENTRAL-CXT3019_10 Datasheet
290Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT3019 CENTRAL-CXT3019_15 Datasheet
290Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

유사한 설명 - CXT3019

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
BC817 CENTRAL-BC817 Datasheet
337Kb / 2P
   SURFACE MOUNT SILICON NPN TRANSISTORS
CXT5551 CENTRAL-CXT5551 Datasheet
100Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTORS
CMPT5088 CENTRAL-CMPT5088 Datasheet
99Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTORS
CJD47 CENTRAL-CJD47_15 Datasheet
562Kb / 2P
   SURFACE MOUNT SILICON NPN POWER TRANSISTORS
CMXT2222A CENTRAL-CMXT2222A_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT2222A CENTRAL-CMXT2222A_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMST5088 CENTRAL-CMST5088 Datasheet
107Kb / 2P
   SUPERmini. SURFACE MOUNT NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_15 Datasheet
410Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CYT5551D CENTRAL-CYT5551D Datasheet
103Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED NPN SILICON TRANSISTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com