전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LDECD3470JA5N00 데이터시트(HTML) 10 Page - Kemet Corporation

부품명 LDECD3470JA5N00
상세내용  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo 

LDECD3470JA5N00 데이터시트(HTML) 10 Page - Kemet Corporation

Zoom Inzoom in Zoom Outzoom out
/ 16 page
 10 / 16 page
background image
10
SMD Film Capacitors
07/2008
LDE series - PEN dielectric RoHS 6
MAxIMUM VRMS and IRMS vs. frequency (50 - 63 - 100 - 250 VDC rated voltage)
(Sinusoidal wave form / Th* ≤ 85°C)
Note: measurements performed in free air condition
*Th: maximum ambient temperature surrounding the capacitor or hottest contact point - i.e. tracks - whichever is
higher, in the worst operating conditions in °C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn