전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LDECD3470JA5N00 데이터시트(HTML) 12 Page - Kemet Corporation

부품명 LDECD3470JA5N00
상세내용  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo 

LDECD3470JA5N00 데이터시트(HTML) 12 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 16 page
 12 / 16 page
background image
12
SMD Film Capacitors
07/2008
Rated
capacitance
16 VDC
50 VDC
Rated
capacitance
Size code
Pcs per
reel
Hmax
[mm]
Part number
Size code
Pcs per
reel
Hmax
[mm]
Part number
3300 pF
12.06
3000
1.1
LDBCA1330 - C5 - -
3300 pF
3900 pF
12.06
3000
1.1
LDBCA1390 - C5 - -
3900 pF
4700 pF
12.06
3000
1.1
LDBCA1470 - C5 - -
4700 pF
5600 pF
12.06
3000
1.1
LDBCA1560 - C5 - -
5600 pF
6800 pF
12.06
3000
1.1
LDBCA1680 - C5 - -
6800 pF
8200 pF
12.06
3000
1.1
LDBCA1820 - C5 - -
8200 pF
0.010 µF
12.06
3000
1.1
LDBCA2100 - C5 - -
0.010 µF
0.012 µF
12.06
3000
1.1
LDBAA2120 - C5 - -
12.06
3000
1.1
LDBCA2120 - C5 - -
0.012 µF
0.015 µF
12.06
3000
1.1
LDBAA2150 - C5 - -
12.10
2250
1.4
LDBCB2150 - C5 - -
0.015 µF
0.018 µF
12.06
3000
1.1
LDBAA2180 - C5 - -
12.10
2250
1.5
LDBCB2180 - C5 - -
0.018 µF
0.022 µF
12.06
3000
1.1
LDBAA2220 - C5 - -
12.10
2250
1.5
LDBCB2220 - C5 - -
0.022 µF
0.027 µF
12.06
3000
1.1
LDBAA2270 - C5 - -
12.10
2250
1.5
LDBCB2270 - C5 - -
0.027 µF
0.033 µF
12.06
3000
1.1
LDBAA2330 - C5 - -
12.10
2250
1.7
LDBCB2330 - C5 - -
0.033 µF
0.039 µF
12.06
3000
1.2
LDBAA2390 - C5 - -
12.10
2250
1.9
LDBCB2390 - C5 - -
0.039 µF
0.047 µF
12.06
3000
1.3
LDBAA2470 - C5 - -
12.10
2250
2.3
LDBCB2470 - C5 - -
0.047 µF
0.056 µF
12.10
2250
1.7
LDBAB2560 - C5 - -
18.12
4000
1.7
LDBCC2560 - C5 - -
0.056 µF
0.068 µF
12.10
2250
1.7
LDBAB2680 - C5 - -
18.12
4000
1.7
LDBCC2680 - C5 - -
0.068 µF
0.082 µF
12.10
2250
1.7
LDBAB2820 - C5 - -
18.12
4000
1.7
LDBCC2820 - C5 - -
0.082 µF
0.10 µF
12.10
2250
2.0
LDBAB3100 - C5 - -
18.12
3000
2.0
LDBCC3100 - C5 - -
0.10 µF
LDB series - PPS dielectric RoHS 6
Tolerance - G = ±2%; J = ±5%;
Packaging - N = Taped; A to Z = Special;
Internal use
±2% Tolerance
available
Lead
Free
Standard version
Size code
12.06
12.10
18.12
L (mm)
3.3 +0.3
- 0.1
3.3 +0.3
- 0.1
4.7 +0.3
- 0.2
W (mm)
1.7 ± 0.2
2.5 ± 0.3
3.3 ± 0.3
P/N 5th digit
A
B
C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn