전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMA54S-L 데이터시트(PDF) 1 Page - Sanken electric

부품명 TMA54S-L
상세설명  Triac (Bidirectional Triode Thyristor)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TMA54S-L 데이터시트(HTML) 1 Page - Sanken electric

  TMA54S-L Datasheet HTML 1Page - Sanken electric TMA54S-L Datasheet HTML 2Page - Sanken electric TMA54S-L Datasheet HTML 3Page - Sanken electric TMA54S-L Datasheet HTML 4Page - Sanken electric TMA54S-L Datasheet HTML 5Page - Sanken electric TMA54S-L Datasheet HTML 6Page - Sanken electric TMA54S-L Datasheet HTML 7Page - Sanken electric TMA54S-L Datasheet HTML 8Page - Sanken electric TMA54S-L Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TMA5x Series
Features and Benefits
▪ Exceptional reliability
▪ Small fully-molded SIP package with heatsink mounting
for high thermal dissipation and long life
▪ V
DRM of 400 or 600 V
▪ 5 A
RMS on-state current
▪ Uniform switching
▪ UL Recognized Component (File No.: E118037) (suffix I)
Triac (Bidirectional Triode Thyristor)
Typical Applications
Applications
▪ Residential and commercial appliances: vacuum cleaners,
rice cookers, TVs, home entertainment
▪ White goods: washing machines
▪ Office automation power control, photocopiers
▪ Motor control for small tools
▪ Temperature control, light dimmers, electric blankets
▪ General use switching mode power supplies (SMPS)
Description
This Sanken triac (bidirectional triode thyristor) is designed
for AC power control, providing reliable, uniform switching
for full-cycle AC applications.
In comparison with other products on the market, the TMA5x
series provides increased isolation voltage (1800 VACRMS),
guaranteed for up to 1 minute, and greater peak nonrepetitive
off-state voltage, VDSM (700 V). In addition, commutation
dv/dt and (dv/dt)c are improved.
Halogen
Lamp
Gate
Controller
Heater control
(for example, LBP. PPC, MFP)
Two-phase motor control
(for example, washing machine)
In-rush current control
(for example, SMPS)
Not to scale
Package: 3-pin SIP (TO-220F)
28105.11


유사한 부품 번호 - TMA54S-L

제조업체부품명데이터시트상세설명
logo
Sanken electric
TMA54S-L SANKEN-TMA54S-L Datasheet
273Kb / 12P
   Triac (Bidirectional Triode Thyristor)
More results

유사한 설명 - TMA54S-L

제조업체부품명데이터시트상세설명
logo
American Microsemicondu...
AM-SJST60 AMMSEMI-AM-SJST60 Datasheet
537Kb / 2P
   Bidirectional Triode Thyristor (TRIAC)
logo
Sanken electric
TMA36G-L SANKEN-TMA36G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
TMA12X SANKEN-TMA12X Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA16XP SANKEN-TMA16XP Datasheet
266Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA166H-L SANKEN-TMA166H-L Datasheet
349Kb / 11P
   Triac (Bidirectional Triode Thyristor)
TMA206S-L SANKEN-TMA206S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA3X SANKEN-TMA3X Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA16XS SANKEN-TMA16XS Datasheet
269Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA86S-L SANKEN-TMA86S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA36S-L SANKEN-TMA36S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA126G-L SANKEN-TMA126G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com