전자부품 데이터시트 검색엔진 |
|
TMA164P-L 데이터시트(PDF) 5 Page - Sanken electric |
|
TMA164P-L 데이터시트(HTML) 5 Page - Sanken electric |
5 / 12 page Triac (Bidirectional Triode Thyristor) TMA16xP Series 5 Performance Characteristics at TA = 25°C 0 1 10 100 0.6 1.0 1.4 1.8 2.2 2.6 V T (max) (V) 150 125 100 75 50 25 0 25 20 15 10 5 0 240 220 200 180 160 140 120 100 80 60 40 20 0 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 1 10 100 0 5 10 15 20 0 5 10 15 20 0.1 1 100 10 10 100 1000 10 000 –60 –40 –20 20 40 60 80 100 120 140 0 0.1 1 10 Maximum On-State Current versus Maximum On-State Voltage Gate Voltage versus Gate Current Surge On-State Current versus Quantity of Cycles Case Temperature versus On-State RMS Current On-State Average Power Dissipation versus Maximum On-State RMS Current Proportional Change of Typical Trigger Voltage versus Junction Temperature T J = 125°C f = 50 Hz full cycle sine wave total Conduction angle ( +) + ( –) = 360° initial T J = 125°C full cycle sine wave total Conduction angle ( +) + ( –) = 360° full cycle sine wave total Conduction angle ( +) + ( –) = 360° T J = 25°C I T(RMS) (A) I G (mA) Quantity of Cycles Proportional Change of Typical Trigger Current versus Junction Temperature 0.1 1 10 Proportional Change of Typical Holding Current versus Junction Temperature T J (°C) –60 –40 –20 20 40 60 80 100 120 140 0 T J (°C) –60 –40 –20 20 40 60 80 100 120 140 0 T J (°C) Quadrant I (T2+, G+) and Quadrant II (T2+, G–) Quadrant III (T2–, G–) RGREF = 1 kΩ 108°C V GM = 10 V V GT (–40°C) = 2 V V GT (25°C) = 1.5 V V GD = 0.2 V I GM = 2 A I GT (–40°C) = 100 mA I GT (25°C) = 30 mA P GM = 5 W P G(AV) = 0.5 W I T(RMS)(max) (A) Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com |
유사한 부품 번호 - TMA164P-L |
|
유사한 설명 - TMA164P-L |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |