전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FML-G12S 데이터시트(PDF) 2 Page - Sanken electric

부품명 FML-G12S
상세설명  Silicon Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FML-G12S 데이터시트(HTML) 2 Page - Sanken electric

  FML-G12S Datasheet HTML 1Page - Sanken electric FML-G12S Datasheet HTML 2Page - Sanken electric FML-G12S Datasheet HTML 3Page - Sanken electric FML-G12S Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANKEN ELECTRIC CO., LTD.
FML-G12S
030812
2/4
61426-01
6.
Characteristics
IF(AV) - PF
Average Forward Current, IF(AV) (A)
VR - PR
Reverse Voltage, VR (V)
0.00
0.01
0.02
0.03
0.04
0.05
0
100
200
0.0
2.0
4.0
6.0
8.0
0.0
1.0
2.0
3.0
4.0
5.0
Tj=150°C
t
T
t/T=1/6
t/T=1/3,sinewave
t/T=1/2
DC
Tj=150°C
t
T
1-t/T=5/6
sinewave
1-t/T=2/3
1-t/T=1/2


유사한 부품 번호 - FML-G12S

제조업체부품명데이터시트상세설명
logo
Sanken electric
FML-G12S SANKEN-FML-G12S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
FML-G12S ETC1-FML-G12S Datasheet
119Kb / 1P
   ULTRA-FAST-RECOVERY RECTIFIER DIODES
logo
Sanken electric
FML-G12S SANKEN-FML-G12S Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
logo
Shenzhen Luguang Electr...
FML-G12S LUGUANG-FML-G12S Datasheet
224Kb / 2P
   Super Fast Rectifiers
logo
Toshiba Semiconductor
FML-G12S TOSHIBA-FML-G12S Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

유사한 설명 - FML-G12S

제조업체부품명데이터시트상세설명
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com