전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MAC224A4 데이터시트(PDF) 1 Page - Digitron Semiconductors

부품명 MAC224A4
부품 상세설명  SILICON BIDIRECTIONAL TRIODE THYRISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIGITRON [Digitron Semiconductors]
홈페이지  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC224A4 데이터시트(HTML) 1 Page - Digitron Semiconductors

  MAC224A4 Datasheet HTML 1Page - Digitron Semiconductors MAC224A4 Datasheet HTML 2Page - Digitron Semiconductors MAC224A4 Datasheet HTML 3Page - Digitron Semiconductors MAC224A4 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC224(A) SERIES
SILICON BIDIRECTIONAL TRIODE THYRISTORS
40 AMPERES RMS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (T
J = 25°C unless otherwise noted)
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Off-State Voltage(1)
(TJ = -40 to 125°C, ½ Sine Wave 50 to 60 Hz, Gate Open)
MAC224-4, MAC224A4
MAC224-5, MAC224A5
MAC224-6, MAC224A6
MAC224-7, MAC224A7
MAC224-8, MAC224A8
MAC224-9, MAC224A9
MAC224-10, MAC224A10
VDRM
200
300
400
500
600
700
800
Volts
On-State RMS Current (TC = 75°C)(2) (Full Cycle Sine Wave 50 to 60Hz)
IT(RMS)
40
Amps
Peak Non-repetitive surge Current (One Full Cycle, 60Hz, TJ = 125°C)
ITSM
350
Amps
Circuit Fusing (t = 8.3ms)
I2t
500
A2s
Peak Gate Current (t ≤ 2 μs)
IGM
±2
Amps
Peak Gate Voltage (t ≤ 2 μs)
VGM
±10
Volts
Peak Gate Power (t ≤ 2 μs)
PGM
20
Watts
Average Gate Power (TC = 75°C, t ≤ 8.3ms)
PG(AV)
0.5
Watts
Operating Junction Temperature Range
TJ
-40 to 125
°C
Storage Temperature Range
Tstg
-40 to 150
°C
Mounting Torque
8
in. lb.
1.
VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
2.
This device is rated for use in applications subject to high surge conditions. Care must be taken to ensure proper heat sinking when the device is to be used at high sustained currents. (See
figure 1 for maximum case temperatures.)
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
1
°C/W
Thermal Resistance, Junction to Ambient
RθJA
60
°C/W
ELECTRICAL CHARACTERISTICS (T
C = 25°C and either polarity of MT2 to MT1 voltage unless otherwise noted
)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current (Rated VDRM, Gate Open)
TJ = 25°C
TJ = 125°C
IDRM
-
-
-
-
10
2
μA
mA
Peak On-State Voltage
(ITM = 56 A Peak, Pulse Width ≤ 2ms, Duty Cycle ≤ 2%)
VTM
-
1.4
1.85
Volts
Gate Trigger Current (Continuous dc)
(VD = 12V, RL = 100 Ω)
MT2 (+), G(+); MT2(-), G(-); MT2(+), G(-)
MT2(-), G(+) “A” SUFFIX ONLY
IGT
-
-
25
40
50
75
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12V, RL = 100 Ω)
MT2 (+), G(+); MT2(-), G(-); MT2(+), G(-)
MT2(-), G(+) “A” SUFFIX ONLY
VGT
-
-
1.1
1.3
2
2.5
Volts
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130130


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn