전자부품 데이터시트 검색엔진 |
|
HLMP-Q150A 데이터시트(PDF) 5 Page - Fairchild Semiconductor |
|
HLMP-Q150A 데이터시트(HTML) 5 Page - Fairchild Semiconductor |
5 / 6 page 7/14/03 Page 5 of 6 © 2003 Fairchild Semiconductor Corporation SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS HIGH EFF. RED HLMP-6305A Water Clear MV6700A Red Diffused YELLOW HLMP-6405A Water Clear MV6300A Yellow Diffused GREEN HLMP-6505A Water Clear MV6400A Green Diffused AIGaAs RED HLMP-Q105A Water Clear HLMP-Q150A Red Diffused HLMP-Q101A Red Diffused HLMP-Q155A Water Clear FEATURES •Available in Gullwing, Yoke and Z-bend lead formings • Compatible with automatic placement equipment • Compatible with vapor phase reflow soldering processes • Long life — solid state reliability • Reel and tape or bulk packaging available DESCRIPTION These subminiature solid state lamps are transfer molded in an axial lead package. They are available in yellow, green, high efficiency red and AIGaAs red in both diffused and water clear lens. Automatic placement equipment can be used to mount the LEDs on the PC board. The lamps can be mounted using either batch or in line vapor phase reflow solder processes. NOTES: ALL DIMENSIONS ARE IN INCHES (mm) GULLWING LEAD CONFIGURATION YOKE LEAD CONFIGURATION Z-BEND LEAD CONFIGURATION .024 (.6) .016 (.4) .091 (2.3) .083 (2.1) .020 (.5) .012 (.3) .087 (2.2) .079 (2.0) .154 (3.90) .148 (3.75) .033 (.82) .000 (.00) .016 (.4) .008 (.2) CATHODE ANODE .078 (1.9) .063 (1.6) .058 (1.48) .050 (1.28) .115 (2.92) .099 (2.52) .039 (1.0) .028 (.7) .010 (.26) .002 (.06) .058 (1.48) .050 (1.28) .048 (1.22) .032 (.82) .300 (7.62) MAX .091 (2.3) .083 (2.1) .024 (.6) .016 (.4) .087 (2.2) .079 (2.0) .020 (.5) .012 (.3) CATHODE ANODE .115 (2.92) .099 (2.52) .078 (1.9) .063 (1.6) .117 (2.96) .100 (2.56) .047 (1.2) .031 (0.8) .010 (.26) .002 (.06) .033 (.85) .026 (.65) .087 (2.2) .079 (2.0) .058 (1.48) .050 (1.28) .024 (.6) .016 (.4) .020 (.5) .012 (.3) .091 (2.3) .083 (2.1) .189 (4.8) .173 (4.4) CATHODE ANODE .240 (6.1) .232 (5.9) .078 (1.9) .063 (1.6) .128 (3.24) .112 (2.84) .039 (.99) .023 (.59) .033 (.85) .026 (.66) .010 (.26) .002 (.06) .034 (.86) .026 (.66) |
유사한 부품 번호 - HLMP-Q150A |
|
유사한 설명 - HLMP-Q150A |