전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6132L-K08-2020-R 데이터시트(PDF) 7 Page - Unisonic Technologies

부품명 L6132L-K08-2020-R
상세설명  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6132L-K08-2020-R 데이터시트(HTML) 7 Page - Unisonic Technologies

Back Button L6132L-K08-2020-R Datasheet HTML 3Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 4Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 5Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 6Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 7Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 8Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 9Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 10Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
L6132
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R105-045.B
TYPICAL CHARACTERISTICS(Cont.)
-3
2
1.0
-1.0
-1.5
-0.5
0.5
1.5
0.0
ΔVOS vs CMR
Input Common Mode Voltage Range,
VCM (V)
0.8
0.4
-0.4
-0.6
0.2
0.6
-0.2
-0.8
0
1
-1
-1
0
1
3
-2
VSS = ±1.35V
1.0
-1.0
0.0
0.8
0.4
-0.4
-0.6
0.2
0.6
-0.2
-0.8
VSS = ±2.5V
ΔVOS vs CMR
Gain and Phase vs. Capacitive Load
Frequency(Hz)
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=600Ω, single
supply, TA=25°С,CL=0
Frequency(Hz)
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=600Ω, single
supply, TA=25°С,CL=100pF
Gain and Phase vs. Capacitive Load
Gain and Phase vs. Capacitive Load
Frequency(Hz)
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=600Ω, single
supply, TA=25°С, CL=500pF
Frequency(Hz)
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=600Ω, single
supply, TA=25°С, CL=1000pF
Gain and Phase vs. Capacitive Load
Input Common Mode Voltage Range,
VCM (V)


유사한 부품 번호 - L6132L-K08-2020-R

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
L6132L-K08-2020-R UTC-L6132L-K08-2020-R Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results

유사한 설명 - L6132L-K08-2020-R

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358 Datasheet
412Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LPV321 NSC-LPV321 Datasheet
715Kb / 21P
   General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV358 TI1-LPV358 Datasheet
798Kb / 23P
[Old version datasheet]   GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com