전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N748 데이터시트(PDF) 2 Page - Shanghai Lunsure Electronic Tech

부품명 1N748
상세설명  0.5W SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENYI [Shanghai Lunsure Electronic Tech]
홈페이지  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N748 데이터시트(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  1N748 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N748 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CE
1N746 THRU 1N759
CHENYI ELECTRONICS
0.5W SILICON PLANAR ZENER DIODES
1N746…1N759 SILICON PLANAR ZENER DIODES
Maximum
Typical
Maximum
zener
Tempetature
Regulator
impedence
coefficient
Current
VZ
IZT
ZZR at IZR
TA=25
TA=150
IZM
V
mA
%/
A
A
mA
1N746
3.3
28
-0.062
110
1N747
3.6
24
-0.055
100
1N748
3.9
23
-0.049
95
1N749
4.3
22
-0.036
85
1N750
4.7
19
-0.018
75
1N751
5.1
17
-0.008
70
1N752
5.6
11
+0.006
65
1N753
6.2
7
+0.022
60
1N754
6.8
5
+0.035
55
1N755
7.5
6
+0.045
50
1N756
8.2
8
+0.052
45
1N757
9.1
10
+0.056
40
1N758
10.0
17
+0.060
35
1N759
12.0
30
+0.060
30
1)Tested with pulses tp=20ms
2)Valid provided that are kept at ambient temperature at a distance of 8mm from case.
Maximum Reverse
Leakage Current IR 2) at VR=1V
Type
Zener Voltage Range1)
20
30
20
10
2
1
0.1
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


유사한 부품 번호 - 1N748

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
1N748 JGD-1N748 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Digitron Semiconductors
1N748 DIGITRON-1N748 Datasheet
523Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
GOOD-ARK Electronics
1N748 GOOD-ARK-1N748 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
1N748 MCC-1N748 Datasheet
347Kb / 2P
   0.5W Silicon Planar Zener Diodes
logo
Microsemi Corporation
1N748 MICROSEMI-1N748 Datasheet
70Kb / 2P
   SILICON 500 mW ZENER DIODES
More results

유사한 설명 - 1N748

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com