전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SSL075-NO88 데이터시트(PDF) 17 Page - Lumileds Lighting Company

부품명 SSL075-NO88
부품 상세설명  SnapLED 75 and SnapLED 150
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMILEDS [Lumileds Lighting Company]
홈페이지  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

SSL075-NO88 데이터시트(HTML) 17 Page - Lumileds Lighting Company

Back Button SSL075-NO88 Datasheet HTML 12Page - Lumileds Lighting Company SSL075-NO88 Datasheet HTML 13Page - Lumileds Lighting Company SSL075-NO88 Datasheet HTML 14Page - Lumileds Lighting Company SSL075-NO88 Datasheet HTML 15Page - Lumileds Lighting Company SSL075-NO88 Datasheet HTML 16Page - Lumileds Lighting Company SSL075-NO88 Datasheet HTML 17Page - Lumileds Lighting Company SSL075-NO88 Datasheet HTML 18Page - Lumileds Lighting Company SSL075-NO88 Datasheet HTML 19Page - Lumileds Lighting Company SSL075-NO88 Datasheet HTML 20Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SnapLED 75/150 Datasheet DS12 20121212
17
Bin Range Option Codes
Product availability varies by color and other factors and not all bin selection combinations are available.
Table 9.
High Current Flux Bin Codes
Bin Range Option Codes
Bin Range
0
All bin above the Minimum
2
2 flux bin
3
3 flux bin
4
4 flux bin
5
5 flux bin
6
6 flux bin
Notes:
-
Option codes indicate the inclusive range of flux bins allowed above the indicated requested bin.
Color Bin Definition and Wavelength
Table 10.
Color
Color Code
Min (nm)
Max (nm)
1
588
590
2
590
594
3
613
618
4
618
623
5
623
628
Note for Table 10:
-
Tester error for wavelength maintained at ±1nm.
Red-Orange
Amber


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn