전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4174 데이터시트(PDF) 1 Page - Digitron Semiconductors

부품명 2N4174
상세설명  SILICON CONTROLLED RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIGITRON [Digitron Semiconductors]
홈페이지  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N4174 데이터시트(HTML) 1 Page - Digitron Semiconductors

  2N4174 Datasheet HTML 1Page - Digitron Semiconductors 2N4174 Datasheet HTML 2Page - Digitron Semiconductors 2N4174 Datasheet HTML 3Page - Digitron Semiconductors 2N4174 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130108
2N4167-2N4174
SILICON CONTROLLED RECTIFIERS
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive forward and reverse blocking voltage
2N4167
2N4168
2N4169
2N4170
2N4172
2N4174
VDRM, VRRM
25
50
100
200
400
600
V
Forward current RMS
IT(RMS)
8
A
Peak forward surge current
(one cycle, 60Hz, TJ = -40 to +100°C)
ITSM
100
A
Circuit fusing (t = 8.3ms)
I2t
40
A2s
Peak gate power
PGM
5
W
Average gate power
PG(AV)
0.5
W
Peak gate current
IGM
2
A
Peak gate voltage
VGM
10
V
Operating temperature range
TJ
-40 to +100
°C
Storage temperature range
Tstg
-40 to +150
°C
Stud torque
15
In. lb.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ.
Max
Unit
Thermal resistance, junction to case
R
ӨJC
1.5
2.5
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak forward or reverse blocking current
(Rated VDRM or VRRM, gate open)
TC = 25°C
TC = 100°C
IDRM, IRRM
-
-
-
-
10
2
µA
mA
Gate trigger current (continuous dc)
(VD = 7V, RL = 100Ω)
(VD = 7V, RL = 100Ω, TC = -40°C)
IGT
-
-
10
-
30
60
mA
Gate trigger voltage (continuous dc)
(VD = 7V, RL = 100Ω)
(VD = 7V, RL = 100Ω, TC = -40°C)
(VD = 7V, RL = 100Ω, TC = 100°C)
VGT
-
-
0.2
0.75
-
-
1.5
2.5
-
V
Forward “on” voltage (pulsed, 1ms max., duty cycle ≤ 1%)
(ITM = 15.7A)
VTM
-
1.4
2
V
Holding current
(VD = 7V, gate open)
(VD = 7V, gate open, TC = -40°C)
IH
-
-
10
-
30
60
mA
Turn-on time (td+tr)
(IG = 20mA, IF = 5A, VD = rated VDRM)
ton
-
1
-
µs
Turn-off time
(IF = 5A, IR = 5A)
(IF = 5A, IR = 5A, TC = 100°C, VD = rated VDRM)
(dv/dt = 30V/µs)
toff
-
-
15
25
-
-
µs
Forward voltage application rate (exponential)
dv/dt
V/µs


유사한 부품 번호 - 2N4174

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
2N4174 CENTRAL-2N4174 Datasheet
57Kb / 1P
   SCRs
logo
Motorola, Inc
2N4174 MOTOROLA-2N4174 Datasheet
185Kb / 4P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N4174 NJSEMI-2N4174 Datasheet
131Kb / 1P
   SCR, V(DRM) == 600V TO 699.9V
2N4174 NJSEMI-2N4174 Datasheet
77Kb / 2P
   Silicon Controlled Rectifiers
More results

유사한 설명 - 2N4174

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com