전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8692 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8692
상세설명  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8692 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8692 Datasheet HTML 5Page - Analog Devices AD8692 Datasheet HTML 6Page - Analog Devices AD8692 Datasheet HTML 7Page - Analog Devices AD8692 Datasheet HTML 8Page - Analog Devices AD8692 Datasheet HTML 9Page - Analog Devices AD8692 Datasheet HTML 10Page - Analog Devices AD8692 Datasheet HTML 11Page - Analog Devices AD8692 Datasheet HTML 12Page - Analog Devices AD8692 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 9 of 20
1k
0.01
0.1
1
10
100
25
125
115
105
95
85
75
65
55
45
35
TEMPERATURE (°C)
ADA4692-2
VSY = ±1.35V
TA = 25°C
AVERAGE 20 CHANNELS
Figure 15. Input Bias Current vs. Temperature
1k
0.001
0.01
0.1
1
10
100
02.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
VCM (V)
ADA4692-2
VSY = 2.7V
AVERAGE 20 CHANNELS
TA = 125°C
TA = 85°C
TA = 25°C
Figure 16. Input Bias Current vs. Common-Mode Voltage
10k
0.01
0.1
1
10
100
1k
0.001
100
10
1
0.1
0.01
ILOAD (mA)
ADA4692-2
VSY = ±1.35V
VOH = (V+) – VOUT
(SOURCING)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 17. Output Voltage (VOH) to Supply Rail vs. Load Current
1k
0.01
0.1
1
10
100
25
125
115
105
95
85
75
65
55
45
35
TEMPERATURE (°C)
ADA4692-2
VSY = ±2.5V
TA = 25°C
AVERAGE 20 CHANNELS
Figure 18. Input Bias Current vs. Temperature
1k
0.01
0.1
1
10
100
05
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VCM (V)
.0
ADA4692-2
VSY = 5V
AVERAGE 20 CHANNELS
TA = 125°C
TA = 85°C
TA = 25°C
Figure 19. Input Bias Current vs. Common-Mode Voltage
10k
0.01
0.1
1
10
100
1k
0.001
100
10
1
0.1
0.01
ILOAD (mA)
ADA4692-2
VSY = ±2.5V
VOH = (V+) – VOUT
(SOURCING)
TA = +125°C
TA = –40°C
TA = +25°C
TA = +85°C
Figure 20. Output Voltage (VOH) to Supply Rail vs. Load Current


유사한 부품 번호 - AD8692

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8692 AD-AD8692 Datasheet
277Kb / 12P
   Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
REV. 0
AD8692 AD-AD8692 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8692 AD-AD8692 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8692 AD-AD8692 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
AD8692 AD-AD8692 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
More results

유사한 설명 - AD8692

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
[Old version datasheet]   Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4691-2 AD-ADA4691-2 Datasheet
1Mb / 16P
   Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com