전자부품 데이터시트 검색엔진 |
|
BA7807 데이터시트(PDF) 6 Page - Rohm |
|
BA7807 데이터시트(HTML) 6 Page - Rohm |
6 / 15 page BA78□□Series,BA78M□□Series Technical Note 6/12 www.rohm.com 2012.03 - Rev.C © 2012 ROHM Co., Ltd. All rights reserved. ●Electrical Characteristics BA78□□CP/FP (Ta=25℃,Vin=10V(05),11V(06),13V(07),14V(08),15V(09),16V(10),19V(12),23V(15),27V(18),29V(20),33V(24),Io=500mA unless otherwise specified) Parameter Symbol Type Limit Unit Condition Min Typ Max Load Regulation 1 Reg.L1 05 - 15 100 mV Io=5mA~1A 06 - 16 120 07 - 17 140 08 - 19 160 09 - 20 180 10 - 21 200 12 - 23 200 15 - 27 300 18 - 30 360 20 - 32 400 24 - 37 480 Load Regulation 2 Reg.L2 05 - 5 50 mV Io=250mA~750mA 06 - 6 60 07 - 6 70 08 - 7 80 09 - 8 90 10 - 8 90 12 - 10 100 15 - 10 150 18 - 12 180 20 - 14 200 24 - 15 240 Output Noise Voltage Vn 05 - 40 - µV f=10Hz~100kHz 06 - 60 - 07 - 70 - 08 - 80 - 09 - 90 - 10 - 100 - 12 - 110 - 15 - 125 - 18 - 140 - 20 - 150 - 24 - 180 - Bias Current Ib common - 4.5 8.0 mA Io=0mA Bias Current Change 1 Ib1 common - - 0.5 mA Io=5mA~1A Bias Current Change 2 Ib2 05 - - 0.8 mA Vin:8~25V, Io=500mA 06 - - 0.8 Vin:8.5~25V, Io=500mA 07 - - 0.8 Vin:9.5~25V, Io=500mA 08 - - 0.8 Vin:10.5~25V, Io=500mA 09 - - 0.8 Vin:11.5~26V, Io=500mA 10 - - 0.8 Vin:12.5~27V, Io=500mA 12 - - 0.8 Vin:14.5~30V, Io=500mA 15 - - 0.8 Vin:17.5~30V, Io=500mA 18 - - 0.8 Vin:21~33V, Io=500mA 20 - - 0.8 Vin:23~33V, Io=500mA 24 - - 0.8 Vin:27~33V, Io=500mA Short-Circuit Output Current Ios 05/06/07/08 - 0.6 - A Vin=25V 09/10/12/15/18/20/24 - 0.3 - Vin=30V Output Resistance Ro 05 - 9 - m Ω f=1kHz 06 10 - 07 10 - 08 10 - 09 - 10 - 10 - 11 - 12 - 12 - 15 - 14 - 18 - 17 - 20 - 19 - 24 - 27 - |
유사한 부품 번호 - BA7807 |
|
유사한 설명 - BA7807 |