전자부품 데이터시트 검색엔진 |
|
UC3842AD 데이터시트(PDF) 3 Page - Motorola, Inc |
|
UC3842AD 데이터시트(HTML) 3 Page - Motorola, Inc |
3 / 14 page UC3842A, 43A UC2842A, 43A 3 MOTOROLA ANALOG IC DEVICE DATA ELECTRICAL CHARACTERISTICS (VCC = 15 V, [Note 2], RT = 10 k, CT = 3.3 nF, TA = Tlow to Thigh [Note 3], unless otherwise noted.) UC284XA UC384XA Characteristics Symbol Min Typ Max Min Typ Max Unit ERROR AMPLIFIER SECTION Voltage Feedback Input (VO = 2.5 V) VFB 2.45 2.5 2.55 2.42 2.5 2.58 V Input Bias Current (VFB = 2.7 V) IIB – –0.1 –1.0 – –0.1 –2.0 µA Open Loop Voltage Gain (VO = 2.0 V to 4.0 V) AVOL 65 90 – 65 90 – dB Unity Gain Bandwidth (TJ = 25°C) BW 0.7 1.0 – 0.7 1.0 – MHz Power Supply Rejection Ratio (VCC = 12 V to 25 V) PSRR 60 70 – 60 70 – dB Output Current Sink (VO = 1.1 V, VFB = 2.7 V) Source (VO = 5.0 V, VFB = 2.3 V) ISink ISource 2.0 –0.5 12 –1.0 – – 2.0 –0.5 12 –1.0 – – mA Output Voltage Swing High State (RL = 15 k to ground, VFB = 2.3 V) Low State (RL = 15 k to Vref, VFB = 2.7 V) VOH VOL 5.0 – 6.2 0.8 – 1.1 5.0 – 6.2 0.8 – 1.1 V CURRENT SENSE SECTION Current Sense Input Voltage Gain (Notes 4 & 5) AV 2.85 3.0 3.15 2.85 3.0 3.15 V/V Maximum Current Sense Input Threshold (Note 4) Vth 0.9 1.0 1.1 0.9 1.0 1.1 V Power Supply Rejection Ratio VCC = 12 to 25 V (Note 4) PSRR – 70 – – 70 – dB Input Bias Current IIB – –2.0 –10 – –2.0 –10 µA Propagation Delay (Current Sense Input to Output) tPLH(in/out) – 150 300 – 150 300 ns OUTPUT SECTION Output Voltage Low State (ISink = 20 mA) Low State (ISink = 200 mA) High State (ISink = 20 mA) High State (ISink = 200 mA) VOL VOH – – 13 12 0.1 1.6 13.5 13.4 0.4 2.2 – – – – 13 12 0.1 1.6 13.5 13.4 0.4 2.2 – – V Output Voltage with UVLO Activated VCC = 6.0 V, ISink = 1.0 mA VOL(UVLO) – 0.1 1.1 – 0.1 1.1 V Output Voltage Rise Time (CL = 1.0 nF, TJ = 25°C) tr – 50 150 – 50 150 ns Output Voltage Fall Time (CL = 1.0 nF, TJ = 25°C) tf – 50 150 – 50 150 ns UNDERVOLTAGE LOCKOUT SECTION Startup Threshold UCX842A UCX843A Vth 15 7.8 16 8.4 17 9.0 14.5 7.8 16 8.4 17.5 9.0 V Minimum Operating Voltage After Turn–On UCX842A UCX843A VCC(min) 9.0 7.0 10 7.6 11 8.2 8.5 7.0 10 7.6 11.5 8.2 V PWM SECTION Duty Cycle Maximum Minimum DCmax DCmin 94 – 96 – – 0 94 – 96 – – 0 % TOTAL DEVICE Power Supply Current (Note 2) Startup: (VCC = 6.5 V for UCX843A, (VCC = 14 V for UCX842A) Operating ICC – – 0.5 12 1.0 17 – – 0.5 12 1.0 17 mA Power Supply Zener Voltage (ICC = 25 mA) VZ 30 36 – 30 36 – V NOTES: 2. Adjust VCC above the Startup threshold before setting to 15 V. 3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible Tlow = –20°C for UC3842A, UC3843A Thigh = +70°C for UC3842A, UC3843A Tlow = –25°C for UC2842A, UC2843A Thigh = +85°C for UC2842A, UC2843A 4. This parameter is measured at the latch trip point with VFB = 0 V. 5. Comparator gain is defined as: AV ∆V Output Compensation ∆V Current Sense Input |
유사한 부품 번호 - UC3842AD |
|
유사한 설명 - UC3842AD |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |