전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFR16S 데이터시트(PDF) 8 Page - Vishay Siliconix

부품명 SFR16S
상세설명  Standard Metal Film Leaded Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFR16S 데이터시트(HTML) 8 Page - Vishay Siliconix

Back Button SFR16S Datasheet HTML 3Page - Vishay Siliconix SFR16S Datasheet HTML 4Page - Vishay Siliconix SFR16S Datasheet HTML 5Page - Vishay Siliconix SFR16S Datasheet HTML 6Page - Vishay Siliconix SFR16S Datasheet HTML 7Page - Vishay Siliconix SFR16S Datasheet HTML 8Page - Vishay Siliconix SFR16S Datasheet HTML 9Page - Vishay Siliconix SFR16S Datasheet HTML 10Page - Vishay Siliconix SFR16S Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Document Number: 28722
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 06-Aug-10
41
SFR16S/25/25H
Standard Metal Film Leaded Resistors Vishay BCcomponents
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with
IEC 60115-1 specification, category LCT/UCT/56 (rated
temperature range: Lower Category Temperature, Upper
Category temperature; damp heat, steady state, test
duration: 56 days).
The tests are carried out in accordance with IEC 60068-2-xx
test
method
under
standard
atmospheric
conditions
according to IEC 60068-1, 5.3.
In the Test Procedures and Requirements table, tests and
requirements are listed with reference to the relevant clauses
of IEC 60115-1 and IEC 60068-2-xx test methods. A short
description of the test procedure is also given. In some in-
stances deviations from the IEC recommendations were
necessary for our method of specifying. All soldering tests
are performed with mildly activated flux.
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-
TEST
METHOD
TEST
PROCEDURE
RESISTANCE
RANGE
REQUIREMENTS
SFR16S
SFR25
SFR25H
4.16
Robustness of
terminations:
4.16.2
21 (Ua1)
Tensile all
samples
Ø 0.45 mm, load 5 N; 10 s
Ø 0.58 mm, load 10 N; 10 s
Number of failures < 10 x 10-6
4.16.3
21 (Ub)
Bending half
number of
samples
Ø 0.45 mm, load 2.5 N; 4 x 90°
Number of failures < 10 x 10-6
Ø 0.58 mm, load 5 N; 4 x 90°
4.16.4
21 (Uc)
Torsion other half
of samples
3 x 360
°
in opposite directions
No damage
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.17
20 (Ta)
Solderability
2 s; 235
°C:
Solder bath method; SnPb40
3 s; 245
°C:
Solder bath method;
SnAg3Cu0.5
Good tinning (
≥ 95 % covered);
no damage
Solderability
(after aging)
8 h steam or 16 h 155 °C;
leads immersed 6 mm;
for 2 s at 235
°C: Solder bath
(SnPb40)
for 3 s at 245
°C: Solder bath
(SnAgCu0.5) method
Good tinning (
≥ 95 % covered);
no damage
4.18
20 (Tb)
Resistance to
soldering heat
Thermal shock:
10 s; 260 °C; 3 mm from body
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.19
14 (Na)
Rapid change of
temperature
30 min at - 55
°C and
30 min at + 155
°C; 5 cycles
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.20
29 (Eb)
Bump
3 x 1500 bumps in 3 directions;
40 g
No damage
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.22
6 (Fc)
Vibration
Frequency 10 Hz to 500 Hz;
displacement 1.5 mm or
acceleration 10 g; 3 directions;
total 6 h (3 x 2 h)
No damage
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.23
Climatic sequence:
Rins min.: 1000 M
Ω
4.23.2
2 (Ba)
Dry heat
16 h; 155
°C
4.23.3
30 (Db)
Damp heat
(accelerated)
1st cycle
24 h; 55
°C;
90 % to 100 % RH
4.23.4
1 (Aa)
Cold
2 h; - 55
°C
4.23.5
13 (M)
Low air pressure
2 h; 8.5 kPa; 15 °C to 35
°C
4.23.6
30 (Db)
Damp heat
(accelerated)
remaining cycles
5 days; 55
°C;
95 % to 100 % RH
R
≤ 1MΩΔR max.: ± (1 % R + 0.05 Ω)
R
> 1MΩΔR max.: ± (1 % R + 0.05 Ω)
ΔR max.
±
(2 % R
+0.1
Ω)
4.24
78 (Cab)
Damp heat
(steady state)
56 days; 40 °C;
90 % to 95 % RH;
loaded with 0.01
P70
(Steps: 0 V to 100 V)
Rins min.: 1000 M
Ω
ΔR max.: ± (2 % R + 0.05 Ω)


유사한 부품 번호 - SFR16S

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
SFR16S ETC-SFR16S Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
More results

유사한 설명 - SFR16S

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
   Professional Metal Film Leaded Resistors
01-Jan-2022
PR01 VISHAY-PR01_V01 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR02000201008JA100 VISHAY-PR02000201008JA100 Datasheet
209Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 24-Jun-13
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
   radial metal film leaded resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com