전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6-104068-6 데이터시트(PDF) 16 Page - Tyco Electronics

부품명 6-104068-6
상세설명  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-6 데이터시트(HTML) 16 Page - Tyco Electronics

Back Button 6-104068-6 Datasheet HTML 12Page - Tyco Electronics 6-104068-6 Datasheet HTML 13Page - Tyco Electronics 6-104068-6 Datasheet HTML 14Page - Tyco Electronics 6-104068-6 Datasheet HTML 15Page - Tyco Electronics 6-104068-6 Datasheet HTML 16Page - Tyco Electronics 6-104068-6 Datasheet HTML 17Page - Tyco Electronics 6-104068-6 Datasheet HTML 18Page - Tyco Electronics 6-104068-6 Datasheet HTML 19Page - Tyco Electronics 6-104068-6 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
16
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
2.0 mm [.079] Receptacle Connectors
Ribbon Cable Interconnect Solutions
METRIC
Dimensions are
millimeters over inches
Product Facts
I
True hard metric 2.0 x 2.0
[.079 x .079] mating grid for
1.0 [.039] pitch ribbon cable
I
Wide selection of
configurations, 8-50
positions
I
Insulation displacement
(IDC), beryllium copper
contacts, duplex plated
gold-over-nickel
I
Top/bottom single beam
contact orientation
I
UL 94V-0 rated thermo-
plastic components
I
Assemblies are furnished
preassembled with
termination covers
I
Optional polarization
I
Optional strain relief
available
I
Connector assemblies
packaged for ease of
handling and protection
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
Performance Data
Durability — 150 cycles
Termination Resistance —
25 milliohms max.
Mating Force —
1.67 N max. per contact
Unmating Force —
0.14 N min. per contact
Operating Temperature —
-65°C to +105°C
Technical Documents
Product Specification
108-1372
Application Specification
114-40038
R
R
The 2.0 [.079] receptacle
connector family features
contacts on a true 2.0 x 2.0
[.079 x .079] mating grid
for 1.0 [.039] pitch 28 AWG
ribbon cable. A variety of
configurations are available
from 8 through 50 positions.
This small, compact
connector is finding wide
acceptance throughout the
electronic industry, particu-
larly in the smaller laptop
and notebook type comput-
ers with 63.5 [2.5] drives.
Other areas of application
include point-of-sale termi-
nals, fax machines, photo-
copiers, printers, consumer
electronics, and other com-
puter peripheral equipment.
These receptacles feature
insulation displacement
contacts (IDC) with a
top/bottom single-beam
contact orientation.
Contacts are beryllium
copper, duplex plated
0.00076 [.000030] gold
in the mating area and
0.00254 [.000100] min.
tin on termination end, all
over 0.00127 [.000050]
nickel underplating. Contact
mating area is 1.54 [.061]
from the face of the housing
and they accept 0.50mm
[.0197] round or square
posts.
Housings are made of
UL 94V-0 rated polyester
with optional center bar
polarization. Complete
assemblies are furnished
preassembled with termina-
tion covers. The complete
assembly presents a com-
pact design only 5.2 [.203]
wide over the termination
cover by 4 [.157] deep by
4 [.157] wide mating end.
Terminated height is 8.48
[.334]. Optional strain relief
available. Assemblies are
packaged for ease of
handling and protection.


유사한 부품 번호 - 6-104068-6

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-104068-6 MACOM-6-104068-6 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-6 MACOM-6-104068-6 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

유사한 설명 - 6-104068-6

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com