전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6-104069-8 데이터시트(PDF) 40 Page - Tyco Electronics

부품명 6-104069-8
상세설명  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104069-8 데이터시트(HTML) 40 Page - Tyco Electronics

Back Button 6-104069-8 Datasheet HTML 36Page - Tyco Electronics 6-104069-8 Datasheet HTML 37Page - Tyco Electronics 6-104069-8 Datasheet HTML 38Page - Tyco Electronics 6-104069-8 Datasheet HTML 39Page - Tyco Electronics 6-104069-8 Datasheet HTML 40Page - Tyco Electronics 6-104069-8 Datasheet HTML 41Page - Tyco Electronics 6-104069-8 Datasheet HTML 42Page - Tyco Electronics 6-104069-8 Datasheet HTML 43Page - Tyco Electronics 6-104069-8 Datasheet HTML 44Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
40
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Micro-MaTch Miniature Connector System —
Crimp On Snap In (COSI) Connector
This crimp version for dis-
crete Wire-to-Board applica-
tions is fully compatible with
all female connectors of the
Micro-MaTch family.
Insulation and wire crimp
barrel are copies of the
well proven AMPLIMITE
contacts. After mating with
a Micro-MaTch female
connector the contacts are
fully protected by isolating
plastics. Contacts are made
of a pre-tinned phosphor
bronze.
Contacts are supplied in a
range for 24-20 AWG and
28-24 AWG. For repair oper-
ations an extraction tool is
available; Part Number
734873-1.
2.54
[.100]
1.27
[.050]
2.65
[.104]
12.40
[.488]
C
B Max.
A Max.
Max.
9.10
[.358]
Max.
5.10
[.201]
0.82
[.032]
Max.
Notes:
1. Contacts can be crimped using a G-terminator or mini stripper crimper based applicator.
2. For the contacts on strip the standard packaging quantity is 15.000 pcs on a reel
with a diameter of 600 mm.
3. For repair/service contacts are packaged 750 pcs. Per reel, to be used with handtools.
4. The housings are bulk packed in a box with a packaging quantity varying from 200 to
900 pcs per box.
Wire Size Range
Insulation Diameter
Part Number
(mm2)
(AWG)
(mm)
Large reel, 15.000
Small reel, 750
0.08-0.20
28-24
0.76-1.00
338096-1
1-338096-1
0.20-0.50
24-20
1.27-1.52
338097-1
1-338097-1
0.70
[.027]
0.40
[.016]
0.20
[.008]
6.00
[.236]
Ref.
8.65
[.341]
Max.
0.25
[.010]
Cut Off
Max.
Basic Part Number 338095
and Contacts Part Numbers
338096 and 338097
No. of Positions
Dimensions (mm)
Part Numbers
A
B
C
2500 Connectors/Reel
250 Connectors/Box
4
7.2
8.4
3.81
338095-4
900
6
9.8
10.9
6.35
338095-6
700
8
12.3
13.5
8.89
338095-8
500
10
14.9
16.0
11.43
1-338095-0
450
12
17.4
18.5
13.97
1-338095-2
400
14
19.9
21.1
16.51
1-338095-4
350
16
22.5
23.6
19.05
1-338095-6
300
18
25.0
26.2
21.59
1-338095-8
250
20
27.6
28.7
24.13
2-338095-0
200
Mates with:
X-338095-X
Mates with:
X-215079-X
X-215460-X
X-188275-X
X-215079-X
X-338068-X
X-338069-X
X-338670-X
X-100411-X
X-188431-X
METRIC
Dimensions are
millimeters over inches


유사한 부품 번호 - 6-104069-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-104069-8 MACOM-6-104069-8 Datasheet
198Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE, DOUBLE ROW, W/SIDE & END LATCHES, AMPMODU System 50
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 60P
   AMPMODU System 50 Connectors
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

유사한 설명 - 6-104069-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com