전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6-104069-8 데이터시트(PDF) 56 Page - Tyco Electronics

부품명 6-104069-8
상세설명  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104069-8 데이터시트(HTML) 56 Page - Tyco Electronics

Back Button 6-104069-8 Datasheet HTML 52Page - Tyco Electronics 6-104069-8 Datasheet HTML 53Page - Tyco Electronics 6-104069-8 Datasheet HTML 54Page - Tyco Electronics 6-104069-8 Datasheet HTML 55Page - Tyco Electronics 6-104069-8 Datasheet HTML 56Page - Tyco Electronics 6-104069-8 Datasheet HTML 57Page - Tyco Electronics 6-104069-8 Datasheet HTML 58Page - Tyco Electronics 6-104069-8 Datasheet HTML 59Page - Tyco Electronics 6-104069-8 Datasheet HTML 60Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
56
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
DIP Plugs, .100 x .100 [2.54 x 2.54] Centers, 609 Series
A
B
.319
[8.1]
Before
Crimping
.280
[7.1]
.100
[2.54]
.100
[2.54]
.100
[2.54]
.008 x .024
[0.2 x 0.6]
Dimensions
Part Numbers
No.of
TE Connectivity
T&B
Pos.
AB
(Reference Only)
6
.512
.200
1437006-4
609-0653
13.00
5.08
10
.713
.400
1437006-7
609-1053
18.11
10.16
14
.913
.600
1-1437006-0
609-1453
23.19
15.24
16
1.010
.700
1-1437006-3
609-1653
25.65
17.78
20
1.213
.900
1-1437006-6
609-2053
30.81
22.86
26
1.512
1.200
2-1437006-1
609-2653
38.40
30.48
34
1.913
1.600
2-1437006-4
609-3453
48.59
40.64
Note: Order by TE Part Number only. All part numbers listed above are found
on TE customer drawing 1437006-4.
Technical Data
Color — Blue
Contact Material — Beryllium copper
Contact Plating — .000100-.000200
[0.00254-0.00508] tin over .000050
[0.00127] nickel underplate.
Contact Design — Dual slot, barrel
shaped (“tulip”) IDC with solder tail
Housing Material — Glass-filled
thermoplastic, UL 94V-0 rated
Cable — 28-30 AWG solid or stranded,
PVC insulated ribbon cable
Mateable Connectors —
.100 x .100 DIP sockets
Application Tooling
Die —
1-1437000-3 [T&B# 779-2153 ref.]
Handtool —
1437000-6 [T&B# 779-2100 ref.]
Bench Press (Manual) —
1437001-4 [T&B# 779-3200 ref.]
Bench Press Platen —
5-1437000-6 [T&B# 779-3130 ref.]
Bench Press Base Plate —
6-1437000-7 [T&B# 779-3153 ref.]


유사한 부품 번호 - 6-104069-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-104069-8 MACOM-6-104069-8 Datasheet
198Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE, DOUBLE ROW, W/SIDE & END LATCHES, AMPMODU System 50
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 60P
   AMPMODU System 50 Connectors
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

유사한 설명 - 6-104069-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com