전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

6-104069-7 데이터시트(Datasheet) 8 Page - Tyco Electronics

부품명 6-104069-7
상세내용  Ribbon Cable Connector Selection Guide
PDF  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo 

 8 page
background image
8
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
System 50 Cable-to-Board Connectors, .025 [0.64] Centerline Ribbon Cable
Ribbon Cable Interconnect Solutions
The System 50 Ribbon
Cable connector is a
receptacle connector that
will terminate ribbon cable
on .025 [0.64] centerlines.
It is available in select sizes
from 10 to 100 positions
and will accommodate 30
AWG [0.05 mm2] solid or
stranded and 32 AWG
[0.03 mm2] stranded
conductors with PVC cable
insulation.
The housing and cover
are of a high temperature
tolerant thermoplastic
(black) with a UL 94V-0
rating. A phosphor bronze
single mating beam contact
provides the interconnect
between the conductor and
the .015 [0.38] square posts
on the .050 x .100
[1.27 x 2.54] grid. The
contacts are plated with
30 gold duplex plating. The
latching feature is located
on the receptacle, not the
header, and saves board
space and eliminates future
problems of “latch height
compatibility.”
Product Facts
I
Preassembled housing and
cover
I
One-step termination
I
End and daisy chain
termination
I
Positive end latching of
connector to universal
header
I
Terminates 30 AWG
[0.05 mm2] solid or
stranded and 32 AWG
[0.03 mm2] stranded
.025 [0.64] centerline
ribbon cable with PVC
insulation
I
Connectors are RoHS
compliant
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
R
R




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl