전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6-104069-7 데이터시트(PDF) 27 Page - Tyco Electronics

부품명 6-104069-7
상세설명  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104069-7 데이터시트(HTML) 27 Page - Tyco Electronics

Back Button 6-104069-7 Datasheet HTML 23Page - Tyco Electronics 6-104069-7 Datasheet HTML 24Page - Tyco Electronics 6-104069-7 Datasheet HTML 25Page - Tyco Electronics 6-104069-7 Datasheet HTML 26Page - Tyco Electronics 6-104069-7 Datasheet HTML 27Page - Tyco Electronics 6-104069-7 Datasheet HTML 28Page - Tyco Electronics 6-104069-7 Datasheet HTML 29Page - Tyco Electronics 6-104069-7 Datasheet HTML 30Page - Tyco Electronics 6-104069-7 Datasheet HTML 31Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
27
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Terminating Covers for Cable Connectors
Note: All part numbers are RoHS compliant.
Material
Glass-filled thermoplastic,
black, 94V-0 rated
Related Product Data
Connectors used with Covers —
page 26
Termination Tooling — page 28
Technical Documents — page 29
Product Specification 108-1443
Application Specification
408-9817, 408-9909
Packaging — Plastic bag
No. of
Dimension
Terminator Cover
Pos.
A
Part Numbers
10
.565 [14.35]
104891-1
20
.815 [20.70]
104891-2
30
1.065 [27.05]
104891-3
40
1.315 [33.82]
104891-4
50
1.565 [39.75]
104891-5
60
1.815 [46.10]
104891-6
70
2.065 [52.45]
104891-7
80
2.315 [58.80]
104891-8
100
2.815 [71.50]
1-104891-0
Note: Terminating covers must be purchased separately, two are required for
each cable connector.
.277
[7.04]
.191
[4.85]
A


유사한 부품 번호 - 6-104069-7

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-104069-7 MACOM-6-104069-7 Datasheet
198Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE, DOUBLE ROW, W/SIDE & END LATCHES, AMPMODU System 50
6-104069-7 MACOM-6-104069-7 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104069-7 MACOM-6-104069-7 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104069-7 MACOM-6-104069-7 Datasheet
3Mb / 60P
   AMPMODU System 50 Connectors
6-104069-7 MACOM-6-104069-7 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

유사한 설명 - 6-104069-7

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com