전자부품 데이터시트 검색엔진 |
|
1N4566 데이터시트(PDF) 2 Page - Digitron Semiconductors |
|
1N4566 데이터시트(HTML) 2 Page - Digitron Semiconductors |
2 / 3 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 1N4565(A)-1N4584(A) 6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES ELECTRICAL CHARACTERISTICS Zener test current (Note 3) IZT Maximum voltage temperature coefficient Maximum reverse current IR @ 3 V Maximum dynamic impedance (Note 2) ZZT @ IZT Part number (Note 1) mA αvz ±%/°C ±mV/°C Temp. range µA mA 1N4581A 4.0 .005 .32 -55 to 100°C 2.0 25 1N4582 4.0 .002 .13 0 to 75°C 2.0 25 1N4582A 4.0 .002 .13 -55 to 100°C 2.0 25 1N4583 4.0 .001 .06 0 to 75°C 2.0 25 1N4583A 4.0 .001 .06 -55 to 100°C 2.0 25 1N4584 4.0 .0005 .03 0 to 75°C 2.0 25 1N4584A 4.0 .0005 .03 -55 to 100°C 2.0 25 1. Devices with tighter tolerances than specified for the VZ voltage nominal of 6.4V, add a hyphenated suffix to the part number for desired tolerance 2. Zener impedance is measured by superimposing 0.75 mA ac rms on 7.5 mA dc @ 25°C. 3. Voltage measurements to be performed 15 seconds after application of dc test current IZT. MECHANICAL CHARACTERISTICS Case DO-35, hermetically sealed glass Marking Body painted, alpha numeric Polarity Cathode band Available Non-RoHS (standard) or RoHS compliant (add PBF suffix). Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number. sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com Rev. 20121112 |
유사한 부품 번호 - 1N4566 |
|
유사한 설명 - 1N4566 |