전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4913A 데이터시트(PDF) 3 Page - Digitron Semiconductors

부품명 1N4913A
상세설명  12.8V TEMPERATURE COMPENSATED ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIGITRON [Digitron Semiconductors]
홈페이지  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4913A 데이터시트(HTML) 3 Page - Digitron Semiconductors

  1N4913A Datasheet HTML 1Page - Digitron Semiconductors 1N4913A Datasheet HTML 2Page - Digitron Semiconductors 1N4913A Datasheet HTML 3Page - Digitron Semiconductors 1N4913A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4896(A)-1N4915(A)
12.8V TEMPERATURE COMPENSATED ZENER DIODE
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121112


유사한 부품 번호 - 1N4913A

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
1N4913A CDI-DIODE-1N4913A Datasheet
65Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4913A MICROSEMI-1N4913A Datasheet
75Kb / 2P
   12.8 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4913A NJSEMI-1N4913A Datasheet
34Kb / 1P
   Diode
1N4913A NJSEMI-1N4913A Datasheet
84Kb / 1P
   12.8 VOLT NOMINAL ZENER VOLTAGE 짹 5%
More results

유사한 설명 - 1N4913A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
Digitron Semiconductors
1N4765 DIGITRON-1N4765 Datasheet
174Kb / 3P
   9.1V TEMPERATURE COMPENSATED ZENER DIODE
1N821 DIGITRON-1N821 Datasheet
124Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
Central Semiconductor C...
CMKTC825A CENTRAL-CMKTC825A_15 Datasheet
528Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE
CMKTC825A CENTRAL-CMKTC825A_10 Datasheet
528Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE
CMXTC935A CENTRAL-CMXTC935A_15 Datasheet
524Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N3154 NJSEMI-1N3154 Datasheet
86Kb / 1P
   temperature compensated zener diodes
logo
Compensated Deuices Inc...
CDLL821 CDI-DIODE-CDLL821 Datasheet
41Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODES
logo
Microsemi Corporation
1N821UR-1 MICROSEMI-1N821UR-1 Datasheet
356Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com