전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW67C 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 BCW67C
상세설명  PNP Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW67C 데이터시트(HTML) 6 Page - Infineon Technologies AG

  BCW67C Datasheet HTML 1Page - Infineon Technologies AG BCW67C Datasheet HTML 2Page - Infineon Technologies AG BCW67C Datasheet HTML 3Page - Infineon Technologies AG BCW67C Datasheet HTML 4Page - Infineon Technologies AG BCW67C Datasheet HTML 5Page - Infineon Technologies AG BCW67C Datasheet HTML 6Page - Infineon Technologies AG BCW67C Datasheet HTML 7Page - Infineon Technologies AG BCW67C Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2011-09-15
6
BCW67, BCW68
Transition frequency fT = ƒ(IC)
VCE = 5 V
10
10
10
10
BCW 67/68
EHP00398
f
mA
MHz
01
23
5
T
3
10
10 2
1
10
5
5
5
C
Ι
Collector-base capacitance Ccb = ƒ(VCB)
Emitter-base capacitance Ceb = ƒ(VEB)
0
2
4
6
8
10
12
14
16
V
20
VCB/VEB
0
5
10
15
20
25
30
35
40
45
50
55
pF
65
CCB
CEB
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90 105 120 A
150
0
30
60
90
120
150
180
210
240
270
300
V
360
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
10
EHP00399
BCW 67/68
-6
0
10
5
D =
5
10
1
5
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
t p
=
D
T
t p
T
tot max
tot
P
DC
P
p
t


유사한 부품 번호 - BCW67C

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BCW67C SIEMENS-BCW67C Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW67C DIOTEC-BCW67C Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
logo
Central Semiconductor C...
BCW67C CENTRAL-BCW67C Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
More results

유사한 설명 - BCW67C

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com