전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS52015-1 데이터시트(PDF) 5 Page - Cherry Semiconductor Corporation

부품명 CS52015-1
상세설명  1.5A Adjustable Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHERRY [Cherry Semiconductor Corporation]
홈페이지  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS52015-1 데이터시트(HTML) 5 Page - Cherry Semiconductor Corporation

  CS52015-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS52015-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS52015-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS52015-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS52015-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS52015-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS52015-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Applications Information: continued
Figure 1. Resistor divider scheme.
The CS52015-1 linear regulator has an absolute maximum
specification of 7V for the voltage difference between VIN
and VOUT. However, the IC may be used to regulate volt-
ages in excess of 7V. The main considerations in such a
design are power-up and short circuit capability.
In most applications, ramp-up of the power supply to VIN
is fairly slow, typically on the order of several tens of mil-
liseconds, while the regulator responds in less than one
microsecond. In this case, the linear regulator begins
charging the load as soon as the VIN to VOUT differential is
large enough that the pass transistor conducts current. The
load at this point is essentially at ground, and the supply
voltage is on the order of several hundred millivolts, with
the result that the pass transistor is in dropout. As the sup-
ply to VIN increases, the pass transistor will remain in
dropout, and current is passed to the load until VOUT
reaches the point at which the IC is in regulation. Further
increase in the supply voltage brings the pass transistor
out of dropout. The result is that the output voltage fol-
lows the power supply ramp-up, staying in dropout until
the regulation point is reached. In this manner, any output
voltage may be regulated. There is no theoretical limit to
the regulated voltage as long as the VIN to VOUT differen-
tial of 7V is not exceeded.
However, the possibility of destroying the IC in a short
circuit condition is very real for this type of design. Short
circuit conditions will result in the immediate operation of
the pass transistor outside of its safe operating area. Over-
voltage stresses will then cause destruction of the pass
transistor before overcurrent or thermal shutdown circuit-
ry can become active. Additional circuitry may be required
to clamp the VIN to VOUT differential to less than 7V if fail-
safe operation is required. One possible clamp circuit is
illustrated in figure 2; however, the design of clamp cir-
cuitry must be done on an application by application basis.
Care must be taken to ensure the clamp actually protects
the design. Components used in the clamp design must be
able to withstand the short circuit condition indefinitely
while protecting the IC.
Figure 2: Short Circuit Protection Circuit for High Voltage Application.
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start-up
delay, load transient response and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic capaci-
tor with almost zero ESR can cause instability. The alu-
minum electrolytic capacitor is the least expensive solu-
tion. However, when the circuit operates at low tempera-
tures, both the value and ESR of the capacitor will vary
considerably. The capacitor manufacturersÕ data sheet pro-
vides this information.
A 22µF tantalum capacitor will work for most applications,
but with high current regulators such as the CS52015-1 the
transient response and stability improve with higher val-
ues of capacitance. The majority of applications for this
regulator involve large changes in load current so the out-
put capacitor must supply the instantaneous load current.
The ESR of the output capacitor causes an immediate drop
in output voltage given by:
ÆV = ÆI
´ ESR
For microprocessor applications it is customary to use an
output capacitor network consisting of several tantalum
and ceramic capacitors in parallel. This reduces the overall
ESR and reduces the instantaneous output voltage drop
under load transient conditions. The output capacitor net-
work should be as close as possible to the load for the best
results.
When large external capacitors are used with a linear regu-
lator it is sometimes necessary to add protection diodes. If
the input voltage of the regulator gets shorted, the output
capacitor will discharge into the output of the regulator.
The discharge current depends on the value of the capaci-
tor, the output voltage and the rate at which VIN drops. In
the CS52015-1 linear regulator, the discharge path is
through a large junction and protection diodes are not usu-
ally needed. If the regulator is used with large values of
output capacitance and the input voltage is instantaneous-
ly shorted to ground, damage can occur. In this case, a
diode connected as shown in Figure 2 is recommended.
Protection Diodes
Stability Considerations
VIN
VOUT
VAdj
EXTERNAL SUPPLY
VOUT
VOUT
VIN
CS52015-1
VIN
Adj
R1
R2
C1
CAdj
VOUT
C2
VREF
IAdj


유사한 부품 번호 - CS52015-1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS52015-1GDP3 ONSEMI-CS52015-1GDP3 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS52015-1GDPR3 ONSEMI-CS52015-1GDPR3 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS52015-1GST3 ONSEMI-CS52015-1GST3 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS52015-1GSTR3 ONSEMI-CS52015-1GSTR3 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
More results

유사한 설명 - CS52015-1

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
MSK5173 ANAREN-MSK5173 Datasheet
808Kb / 8P
   1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
MSK5972RH ANAREN-MSK5972RH Datasheet
472Kb / 8P
   RAD HARD 1.5A, ADJUSTABLE LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Anaren Microwave
MSK5973RH ANAREN-MSK5973RH Datasheet
447Kb / 8P
   RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8071 BELLING-BL8071 Datasheet
947Kb / 5P
   1.5A Linear Regulator
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com