전자부품 데이터시트 검색엔진 |
|
BTB1198A3-S-TB-G 데이터시트(PDF) 2 Page - Cystech Electonics Corp. |
|
BTB1198A3-S-TB-G 데이터시트(HTML) 2 Page - Cystech Electonics Corp. |
2 / 7 page CYStech Electronics Corp. Spec. No. : C824A3 Issued Date : 2007.02.28 Revised Date : 2012.12.27 Page No. : 2/7 BTB1198A3 CYStek Product Specification Characteristics (Ta=25 °C) Symbol Min. Typ. Max. Unit Test Conditions BVCBO -80 - - V IC=-50μA BVCEO -80 - - V IC=-2mA BVEBO -5 - - V IE=-50μA ICBO - - -0.5 µA VCB=-50V IEBO - - -0.5 µA VEB=-4V *VCE(sat) - -0.16 -0.5 V IC=-500mA, IB=-50mA *hFE 120 - 560 - VCE=-3V, IC=-100mA fT - 180 - MHz VCE=-10V, IC=-50mA, f=100MHz Cob - 11 - pF VCB=-10V, f=1MHz *Pulse Test: Pulse Width ≤380μs, Duty Cycle≤2% Classification Of hFE Rank Q R S Range 120~270 180~390 270~560 Ordering Information Device HFE rank Package Shipping BTB1198A3-Q-BK-G Q TO-92 (Pb-free lead plating and halogen-free package) 1000 pcs/ bag, 10 bags/box, 10boxes/carton BTB1198A3-R-BK-G R TO-92 (Pb-free lead plating and halogen-free package) 1000 pcs/ bag, 10 bags/box, 10boxes/carton BTB1198A3-S-BK-G S TO-92 (Pb-free lead plating and halogen-free package) 1000 pcs/ bag, 10 bags/box, 10boxes/carton BTB1198A3-Q-TB-G Q TO-92 (Pb-free lead plating and halogen-free package) 2000 pcs / Tape & Box BTB1198A3-R-TB-G R TO-92 (Pb-free lead plating and halogen-free package) 2000 pcs / Tape & Box BTB1198A3-S-TB-G S TO-92 (Pb-free lead plating and halogen-free package) 2000 pcs / Tape & Box |
유사한 부품 번호 - BTB1198A3-S-TB-G |
|
유사한 설명 - BTB1198A3-S-TB-G |