전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB5839M3 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 BTB5839M3
상세설명  Low Vcesat PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB5839M3 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  BTB5839M3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB5839M3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB5839M3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB5839M3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB5839M3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB5839M3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB5839M3 Datasheet HTML 7Page - Cystech Electonics Corp. BTB5839M3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C240M3
Issued Date : 2012.10.18
Revised Date : 2013.08.07
Page No. : 1/8
BTB5839M3
CYStek Product Specification
Low Vcesat PNP Epitaxial Planar Transistor
BTB5839M3
Features
• Low VCE(sat), VCE(sat)=-0.3 V (max), at IC / IB = -2A / -0.1A
• Excellent current gain characteristics
• Pb-free lead plating and halogen-free package
Symbol
Outline
Absolute Maximum Ratings (Ta=25
°C)
BTB5893M3
SOT-89
B:Base
C:Collector
E:Emitter
B C E
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current (DC)
IC
-3
A
Collector Current (Pulse)
ICP
-5 (Note 1)
A
Power Dissipation
Pd
0.6
W
Power Dissipation
Pd
2
(Note 2)
W
Operating Junction and Storage Temperature Range
Tj ; Tstg
-55~+150
°C


유사한 부품 번호 - BTB5839M3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTB589N3 CYSTEKEC-BTB589N3 Datasheet
263Kb / 5P
   Low Saturation PNP Epitaxial Planar Transistor
More results

유사한 설명 - BTB5839M3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com