전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5206-1GDP3 데이터시트(PDF) 6 Page - Cherry Semiconductor Corporation

부품명 CS5206-1GDP3
상세설명  6A Adjustable, and Fixed 3.3V and 5V Linear Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHERRY [Cherry Semiconductor Corporation]
홈페이지  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5206-1GDP3 데이터시트(HTML) 6 Page - Cherry Semiconductor Corporation

  CS5206-1GDP3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Applications Information: continued
The CS5206 -X series of linear regulators includes thermal
shutdown and safe operating area circuitry to protect the
device. High power regulators such as these usually oper-
ate at high junction temperatures so it is important to cal-
culate the power dissipation and junction temperatures
accurately to ensure that an adequate heat sink is used.
The case is connected to VOUT on the CS5206 -X, electrical
isolation may be required for some applications. Thermal
compound should always be used with high current regu-
lators such as these.
The thermal characteristics of an IC depend on the follow-
ing four factors:
1. Maximum Ambient Temperature TA (¡C)
2. Power dissipation PD (Watts)
3. Maximum junction temperature TJ (¡C)
4. Thermal resistance junction to ambient RQJA (C/W)
These four are related by the equation
TJ = TA + PD ´ RQJA
(1)
The maximum ambient temperature and the power dissi-
pation are determined by the design while the maximum
junction temperature and the thermal resistance depend
on the manufacturer and the package type.
The maximum power dissipation for a regulator is:
PD(max)={VIN(max)ÐVOUT(min)}IOUT(max)+VIN(max)IQ
(2)
where
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current, for the application
IQ is the maximum quiescent current at IOUT(max).
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment has a thermal resistance. Like series
electrical resistances, these resistances are summed to
determine RQJA, the total thermal resistance between the
junction and the surrounding air.
1. Thermal Resistance of the junction to case, RQJC (¡C/W)
2. Thermal Resistance of the case to Heat Sink, RQCS (¡C/W)
3. Thermal Resistance of the Heat Sink to the ambient air,
RQSA (¡C/W)
These are connected by the equation:
RQJA = RQJC + RQCS + RQSA
(3)
The value for RQJA is calculated using equation (3) and the
result can be substituted in equation (1).
The value for RQJC is normally quoted as a single figure for
a given package type based on an average die size. For a
high current regulator such as the CS5206 -X the majority
of the heat is generated in the power transistor section.
The value for RQSA depends on the heat sink type, while
RQCS depends on factors such as package type, heat sink
interface (is an insulator and thermal grease used?), and
the contact area between the heat sink and the package.
Once these calculations are complete, the maximum per-
missible value of RQJA can be calculated and the proper
heat sink selected. For further discussion on heat sink
selection, see application note ÒThermal Management for
Linear Regulators.Ó
Calculating Power Dissipation and Heat Sink Requirements


유사한 부품 번호 - CS5206-1GDP3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS5206-1GDP3 ONSEMI-CS5206-1GDP3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
More results

유사한 설명 - CS5206-1GDP3

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS5205-1 CHERRY-CS5205-1 Datasheet
163Kb / 7P
   5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com