전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5207A-1 데이터시트(PDF) 6 Page - Cherry Semiconductor Corporation

부품명 CS5207A-1
상세설명  7A LDO 3-Pin Adjustable Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHERRY [Cherry Semiconductor Corporation]
홈페이지  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5207A-1 데이터시트(HTML) 6 Page - Cherry Semiconductor Corporation

  CS5207A-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5207A-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
A rule of thumb useful in determining if a protection diode
is required is to solve for current
I =
, where
I is the current flow out of the load capacitance when
VIN is shorted,
C is the value of the load capacitance,
V is the output voltage, and
T is the time duration required for VIN to transition
from high to being shorted.
If the calculated current is greater than or equal to the typi-
cal short circuit current value provided in the specifica-
tions, serious thought should be given to including a pro-
tection diode.
Figure 3.
Current Limit
The internal current limit circuit limits the output current
under excessive load conditions, and protects the regula-
tor.
Short Circuit Protection
The device includes foldback short circuit current limit that
clamps the output current at approximately two amperes
less than its current limit value.
Thermal Shutdown
The thermal shutdown circuitry is guaranteed by design to
become activated above a die junction temperature of
150¡C and to shut down the regulator output. This circuit-
ry includes a thermal hysteresis circuit with 25¡C of typical
hysteresis, thereby allowing the regulator to recover from a
thermal fault automatically.
High power regulators such the CS5207A-1 usually operate
at high junction temperatures. Therefore, it is important to
calculate the power dissipation and junction temperatures
accurately to ensure that an adequate heat sink is used.
Since the package tab is connected to Vout on the
CS5207A-1, electrical isolation may be required for some
applications. Also, as with all high power packages, ther-
mal compound is necessary to ensure proper heat flow. For
added safety, this high current LDO includes an internal
thermal shutdown circuit
The thermal characteristics of an IC depend on the follow-
ing four factors. Junction temperature, ambient tempera-
ture, die power dissipation, and the thermal resistance
from the die junction to ambient air. The maximum junc-
tion temperature can be determined by:
TJ(max) = TA(max) + PD(max) ´ RQJA
The maximum ambient temperature and the power dissi-
pation are determined by the design while the maximum
junction temperature and the thermal resistance depend on
the manufacturer and the package type. The maximum
power dissipation for a regulator is:
PD(max) = (VIN(max) -VOUT(min))IOUT(max) + VIN(max) ´ IIN(max)
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air. Each material in the heat flow
path between the IC and the outside environment has a
thermal resistance which is measured in degrees per watt.
Like series electrical resistances, these thermal resistances
are summed to determine the total thermal resistance
between the die junction and the surrounding air, RQJA.
This total thermal resistance is comprised of three compo-
nents. These resistive terms are measured from junction to
case (RQJC), case to heat sink (RQCS), and heat sink to ambi-
ent air (RQSA ). The equation is:
RQJA = RQJC + RQCS + RQSA
RQJC is rated @ 1.4¡C/W for the CS5207A-1. For a high cur-
rent regulator such as the CS5207A-1 the majority of heat is
generated in the power transistor section. The value for
RQSA depends on the heat sink type, while the RQCS
depends on factors such as package type, heat sink inter-
face (is an insulator and thermal grease used?), and the
contact area between the heat sink and the package. Once
these calculations are complete, the maximum
permissible value of RQJA can be calculated and the proper
heat sink selected. For further discussion on heat sink
selection, see our Cherry application note ÒThermal
Management for Linear Regulators.
Calculating Power Dissipation and Heat Sink Requirements
V
IN
CS5207A-1
Adj
V
OUT
C
´ V
T
Application Notes: continued


유사한 부품 번호 - CS5207A-1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
More results

유사한 설명 - CS5207A-1

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
   7A Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
logo
List of Unclassifed Man...
S1117 ETC1-S1117 Datasheet
111Kb / 4P
   1.0A Adjustable LDO Linear Regulator
logo
ON Semiconductor
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com