전자부품 데이터시트 검색엔진 |
|
SMA4751A 데이터시트(PDF) 1 Page - Socay Electornics Co., Ltd. |
|
SMA4751A 데이터시트(HTML) 1 Page - Socay Electornics Co., Ltd. |
1 / 5 page Surface Mount Zener Diodes Revision November 21, 2013 1 / 5 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W SOCAY Electronics Co., Ltd. www.socay.com u Glass passivated chip u Low leakage u Built-in strain relief u Low inductance u High peak reverse power dissipation u Lead-Free component u For use in stabilizing and clipping with high power rating u Case: Molded plastic u Epoxy: UL 94V-0 rate flame retardant u Lead: Solderable per MIL-STD-750, method 2026 u Polarity: Color band denotes cathode end u Mounting position: Any Parameter Symbol Value Unit DC power dissipation at TL = 50 °C (1) PD 1 W Maximum forward voltage at IF = 200 mA VF 1.2 V Maximum thermal resistance junction to ambient air (2) RθJA 170 K/W Junction temperature range TJ -55 to +175 °C Storage temperature range TSTG -55 to +175 °C Notes: (1) TL=Lead temperature 3/8 ″ (9.5mm) from body (2) Valid provided that leads are kept at ambient temperature a distance of 10mm from case Maximum Ratings (TA=25℃ unless otherwise noted) Features Mechanical Data Schematic Symbol Cathode Anode |
유사한 부품 번호 - SMA4751A |
|
유사한 설명 - SMA4751A |