전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5257A-1 데이터시트(PDF) 8 Page - Cherry Semiconductor Corporation

부품명 CS5257A-1
상세설명  7A LDO 5-Pin Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHERRY [Cherry Semiconductor Corporation]
홈페이지  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5257A-1 데이터시트(HTML) 8 Page - Cherry Semiconductor Corporation

  CS5257A-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Application Notes: continued
A rule of thumb useful in determining if a protection diode
is required is to solve for current
I= C
´ V , where
T
I
is the current flow out of the load capacitance
when VCONTROL is shorted,
C
is the value of load capacitance
V
is the output voltage, and
T
is the time duration required for VCONTROL
to transition from high to being shorted.
If the calculated current is greater than or equal to the typi-
cal short circuit current value provided in the specifica-
tions, serious thought should be given to the use of a pro-
tection diode.
Current Limit
The internal current limit circuit limits the output current
under excessive load conditions.
Short Circuit Protection
The device includes short circuit protection circuitry that
clamps the output current at approximately two amperes
less than its current limit value. This provides for a current
foldback function, which reduces power dissipation under
a direct shorted load.
Thermal Shutdown
The thermal shutdown circuitry is guaranteed by design to
activate above a die junction temperature of approximately
150¡C and to shut down the regulator output. This circuit-
ry has 25¡C of typical hysteresis, thereby allowing the reg-
ulator to recover from a thermal fault automatically.
Calculating Power Dissipation
and Heat Sink Requirements
High power regulators such as the CS5257A-1 usually
operate at high junction temperatures. Therefore, it is
important to calculate the power dissipation and junction
temperatures accurately to ensure that an adequate heat
sink is used. Since the package tab is connected to Vout on
the CS5257A-1, electrical isolation may be required for
some applications. Also, as with all high power packages,
thermal compound in necessary to ensure proper heat
flow. For added safety, this high current LDO includes an
internal thermal shutdown circuit
The thermal characteristics of an IC depend on the follow-
ing four factors: junction temperature, ambient tempera-
ture, die power dissipation, and the thermal resistance
from the die junction to ambient air. The maximum junc-
tion temperature can be determined by:
TJ(max) = TA(max) + PD(max) ´ RQJA
The maximum ambient temperature and the power dissi-
pation are determined by the design while the maximum
junction temperature and the thermal resistance depend on
the manufacturer and the package type. The maximum
power dissipation for a regulator is:
PD(max) = (VIN(max) -VOUT(min))IOUT(max) + VIN(max) ´ IIN(max)
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air. Each material in the heat flow
path between the IC and the outside environment has a
thermal resistance which is measured in degrees per watt.
Like series electrical resistances, these thermal resistances
are summed to determine the total thermal resistance
between the die junction and the surrounding air, RQJA.
This total thermal resistance is comprised of three compo-
nents. These resistive terms are measured from junction to
case (RQJC), case to heat sink (RQCS), and heat sink to ambi-
ent air (RQSA). The equation is:
RQJA = RQJC + RQCS + RQSA
The value for RQJC is 1.4ûC/watt for the CS5257A-1 in both
the TO-220 and D2PAK packages. For a high current regu-
lator such as the CS5257A-1 the majority of heat is generat-
ed in the power transistor section. The value for RQSA
depends on the heat sink type, while the RQCS depends on
factors such as package type, heat sink interface (is an
insulator and thermal grease used?), and the contact area
between the heat sink and the package. Once these calcula-
tions are complete, the maximum permissible value of
RQJA can be calculated and the proper heat sink selected.
For further discussion on heat sink selection, see our
Cherry application note ÒThermal Management for Linear
Regulators.Ó


유사한 부품 번호 - CS5257A-1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5257A-1GDP5 ONSEMI-CS5257A-1GDP5 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5257A-1GDPR5 ONSEMI-CS5257A-1GDPR5 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5257A-1GT5 ONSEMI-CS5257A-1GT5 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
More results

유사한 설명 - CS5257A-1

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
   7A Adjustable Linear Regulator
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
logo
ON Semiconductor
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com