전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5257A-1 데이터시트(PDF) 1 Page - Cherry Semiconductor Corporation

부품명 CS5257A-1
상세설명  7A LDO 5-Pin Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHERRY [Cherry Semiconductor Corporation]
홈페이지  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5257A-1 데이터시트(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5257A-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5257A-1 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
V
SENSE
V
OUT
V
CONTROL
V
POWER
CS5257A-1
2.5V @ 7A
300
mF
5V
Load
124
1%
124
1%
0.1
mF
5V
100
mF
5V
10
mF
10V
3.3V
5.0V
Adjust
Features
Package Options
7A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1
Description
Applications Diagram
5 Lead TO-220
1
1. VSENSE
2. Adjust
3. VOUT
4. VCONTROL
5. VPOWER
Tab = VOUT
1
Rev. 4/5/99
This new very low dropout regula-
tor is designed to power the next
generation of advanced micropro-
cessors. To achieve very low
dropout, the internal pass transistor
is powered separately from the con-
trol circuitry. Furthermore, with the
control and power inputs tied
together, this device can be used in
single supply configuration and
still offer a better dropout voltage
than conventional PNP-NPN based
LDO regulators. In this mode the
dropout is determined by the mini-
mum control voltage.
It is supplied in five-terminal
TO-220 and D2PAK packages,
allowing for the implementation of
a remote-sense pin permitting very
accurate regulation of output volt-
age directly at the load, where it
counts, rather than at the regulator.
This remote sensing feature virtual-
ly eliminates output voltage varia-
tions due to load changes and resis-
tive voltage drops. Typical load
regulation measured at the sense
pin is 1mV for an output voltage of
2.5V with a load step of 10mA to
7A.
The very fast transient loop
response easily meets the needs of
the latest microprocessors. In addi-
tion, a small capacitor on the Adjust
pin will further improve the tran-
sient capabilities.
Internal protection circuitry pro-
vides for Òbust-proofÓ operation,
similar to three-terminal regulators.
This circuitry, which includes over-
current, short circuit, supply
sequencing and overtemperature
protection will self protect the regu-
lator under all fault conditions.
The CS5257A-1 is ideal for generat-
ing a secondary 2-2.5V low voltage
supply on a motherboard where
both 5V and 3.3V are already avail-
able.
s 1.25V to 5V VOUT at 7A
s VPOWER Dropout < 0.35V @ 7A
s VCONTROL Dropout < 1.10V @
7A
s 1.5% Trimmed Reference
s Fast Transient Response
s Remote Voltage Sensing
s Thermal Shutdown
s Current Limit
s Short Circuit Protection
s Drop-In Replacement for
LT1580
s Backwards Compatible with
3-pin Regulators
1
5 Lead D2PAK
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


유사한 부품 번호 - CS5257A-1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5257A-1GDP5 ONSEMI-CS5257A-1GDP5 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5257A-1GDPR5 ONSEMI-CS5257A-1GDPR5 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5257A-1GT5 ONSEMI-CS5257A-1GT5 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
More results

유사한 설명 - CS5257A-1

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
   7A Adjustable Linear Regulator
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
logo
ON Semiconductor
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com