전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8101YD8 데이터시트(PDF) 8 Page - Cherry Semiconductor Corporation

부품명 CS8101YD8
상세설명  Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHERRY [Cherry Semiconductor Corporation]
홈페이지  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8101YD8 데이터시트(HTML) 8 Page - Cherry Semiconductor Corporation

  CS8101YD8 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8101YD8 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8101YD8 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8101YD8 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8101YD8 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8101YD8 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8101YD8 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8101YD8 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Rev. 4/9/99
Part Number
Description
CS8101YD8
8L SOIC
CS8101YDR8
8L SOIC (tape & reel)
CS8101YDWF20
20L SOIC (internally fused leads)
CS8101YDWFR20
20L SOIC (internally fused leads)
(tape & reel)
CS8101YT5
5L TO-220
CS8101YTVA5
5L TO-220 Vertical
CS8101YTHA5
5L TO-220 Horizontal
Ordering Information
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Package Specification
5 Lead TO-220 (T) Straight
2.87 (.113)
2.62 (.103)
6.93(.273)
6.68(.263)
9.78 (.385)
10.54 (.415)
1.02(.040)
0.63(.025)
1.83(.072)
1.57(.062)
0.56 (.022)
0.36 (.014)
2.92 (.115)
2.29 (.090)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
6.55 (.258)
5.94 (.234)
14.22 (.560)
13.72 (.540)
1.02 (.040)
0.76 (.030)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)
5 Lead TO-220 (THA) Horizontal
0.81(.032)
1.70 (.067)
6.81(.268)
1.40 (.055)
1.14 (.045)
5.84 (.230)
6.60 (.260)
6.83 (.269)
0.56 (.022)
0.36 (.014)
10.54 (.415)
9.78 (.385)
6.55 (.258)
5.94 (.234)
3.96 (.156)
3.71 (.146)
1.68
(.066)
TYP
14.99 (.590)
14.22 (.560)
2.77 (.109)
2.29 (.090)
2.92 (.115)
4.83 (.190)
4.06 (.160)
2.87 (.113)
2.62 (.103)
5 Lead TO-220 (TVA) Vertical
1.68
(.066) typ
1.70 (.067)
7.51 (.296)
1.78 (.070)
4.34 (.171)
0.56 (.022)
0.36 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
14.99 (.590)
14.22 (.560)
2.92 (.115)
2.29 (.090)
.94 (.037)
.69 (.027)
8.64 (.340)
7.87 (.310)
6.80 (.268)
10.54 (.415)
9.78 (.385)
2.87 (.113)
2.62 (.103)
6.55 (.258)
5.94 (.234)
3.96 (.156)
3.71 (.146)


유사한 부품 번호 - CS8101YD8

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS8101YD8 ONSEMI-CS8101YD8 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8101YD8G ONSEMI-CS8101YD8G Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8101YD8G ONSEMI-CS8101YD8G Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
More results

유사한 설명 - CS8101YD8

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
logo
Cherry Semiconductor Co...
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com