전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4205 데이터시트(PDF) 9 Page - Cirrus Logic

부품명 CS4205
상세설명  CrystalClear Audio Codec 97 with Portable Computing
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4205 데이터시트(HTML) 9 Page - Cirrus Logic

Back Button CS4205 Datasheet HTML 5Page - Cirrus Logic CS4205 Datasheet HTML 6Page - Cirrus Logic CS4205 Datasheet HTML 7Page - Cirrus Logic CS4205 Datasheet HTML 8Page - Cirrus Logic CS4205 Datasheet HTML 9Page - Cirrus Logic CS4205 Datasheet HTML 10Page - Cirrus Logic CS4205 Datasheet HTML 11Page - Cirrus Logic CS4205 Datasheet HTML 12Page - Cirrus Logic CS4205 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
CS4205
DS489PP2
9
DIGITAL CHARACTERISTICS (AVss = DVss = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
DVdd = 3.3V
Low level input voltage
Vil
-
-
0.80
V
High level input voltage
Vih
2.15
-
-
V
High level output voltage
Voh
3.00
3.25
-
V
Low level output voltage
Vol
-
0.03
0.35
V
Input Leakage Current (AC-link inputs)
-10
-
10
µA
Output Leakage Current (Tri-stated AC-link outputs)
-10
-
10
µA
Output buffer drive current
BIT_CLK, SPDO/SDO2
SDATA_IN, EAPD/SCLK
GPIO0/LRCLK, GPIO1/SDOUT
GPIO2/SDI1, GPIO3/SDI2, GPIO4/SDI3
(Note 4)
-
-
-
-
24
4
4
4
-
-
-
-
mA
mA
mA
mA
DVdd = 5.0 V
Low level input voltage
Vil
-
-
0.80
V
High level input voltage
Vih
3.25
-
-
V
High level output voltage
Voh
4.50
4.95
-
V
Low level output voltage
Vol
-
0.03
0.35
V
Input Leakage Current (AC-link inputs)
-10
-
10
µA
Output Leakage Current (Tri-stated AC-link outputs)
-10
-
10
µA
Output buffer drive current
BIT_CLK, SPDO/SDO2
SDATA_IN, EAPD/SCLK
GPIO0/LRCLK, GPIO1/SDOUT
GPIO2/SDI1, GPIO3/SDI2, GPIO4/SDI3
(Note 4)
-
-
-
-
24
4
4
4
-
-
-
-
mA
mA
mA
mA


유사한 부품 번호 - CS4205

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4205-KQZ CIRRUS-CS4205-KQZ Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4205 CIRRUS-CS4205_05 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
More results

유사한 설명 - CS4205

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
   CrystalClear Audio Codec 97 with headphone Amplifier
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4205 CIRRUS-CS4205_05 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 68P
   Audio Codec 97 with headphone Amplifier
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com