전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB140DS38 데이터시트(PDF) 1 Page - SIPAT Co,Ltd

부품명 LB140DS38
상세설명  140MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPAT [SIPAT Co,Ltd]
홈페이지  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS38 데이터시트(HTML) 1 Page - SIPAT Co,Ltd

  LB140DS38 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS38 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS38 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS38
Rev. Date
2008-11-11
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz SAW Filter
7MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS38
Features
For IF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
140
-
Insertion Loss
dB
-
12.6
18.5
137.25~142.75MHz
dB
-
0.3
1.8
Passband Variation
136.5~143.5MHz
dB
-
0.3
2
137.25~142.75MHz
deg
-
2
6
Phase Linearity
136.5~143.5MHz
deg
-
3
8
Absolute Delay(137.25~142.75MHz)
usec
-
1.05
-
Input/Output return loss(136.5~143.5MHz)
dB
8.5
12/10.7
-
10~132MHz
dB
40
46
-
132~133MHz
dB
35
49
-
147~150MHz
dB
35
38
-
Ultimate Rejection
150~200MHz
dB
40
52
-
Material Temperature coefficient
KHz/°C
-2.52
Substrate Material
-
112LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD9.1*4.8
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


유사한 부품 번호 - LB140DS38

제조업체부품명데이터시트상세설명
logo
SIPAT Co,Ltd
LB140DS38 SIPAT-LB140DS38 Datasheet
153Kb / 3P
   140MHz SAW Filter 7MHz Bandwidth
More results

유사한 설명 - LB140DS38

제조업체부품명데이터시트상세설명
logo
SIPAT Co,Ltd
LB140DS13 SIPAT-LB140DS13 Datasheet
152Kb / 3P
   140MHz SAW Filter
LB140DS47 SIPAT-LB140DS47 Datasheet
153Kb / 3P
   140MHz SAW Filter
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
   140MHz SAW Filter
LBN140A77 SIPAT-LBN140A77 Datasheet
324Kb / 3P
   140MHz SAW Filter
LBN140A05 SIPAT-LBN140A05 Datasheet
150Kb / 3P
   140MHz SAW Filter
LBN140A06 SIPAT-LBN140A06 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
   140MHz SAW Filter
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A38 SIPAT-LBN140A38 Datasheet
151Kb / 3P
   140MHz SAW Filter
LBN140A51 SIPAT-LBN140A51 Datasheet
151Kb / 3P
   140MHz SAW Filter
logo
Golledge Electronics Lt...
MP03218 GOLLEDGE-MP03218 Datasheet
79Kb / 4P
   SAW Filter 140MHz
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com